Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SAR293P Datasheet(PDF) 1 Page - Rohm

Part # 2SAR293P
Description  PNP -1.0A -30V Middle Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SAR293P Datasheet(HTML) 1 Page - Rohm

  2SAR293P Datasheet HTML 1Page - Rohm 2SAR293P Datasheet HTML 2Page - Rohm 2SAR293P Datasheet HTML 3Page - Rohm 2SAR293P Datasheet HTML 4Page - Rohm 2SAR293P Datasheet HTML 5Page - Rohm 2SAR293P Datasheet HTML 6Page - Rohm 2SAR293P Datasheet HTML 7Page - Rohm 2SAR293P Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
2SAR293P
PNP -1.0A -30V Middle Power Transistor
lOutline
lFeatures
1) Suitable for Middle Power Driver
2) Complementary NPN Types : 2SCR293P
3) Low VCE(sat)
VCE(sat)= -0.35V(Max.)
(IC/IB= -500mA/ -25mA)
4) Lead Free/RoHS Compliant.
lInner circuit
lApplications
Motor driver , LED driver
Power supply
lPackaging specifications
lAbsolute maximum ratings
(Ta = 25°C)
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
DC
Pulsed
Junction temperature
Range of storage temperature
*1 Pw=10ms , single pulse
*2 Each terminal mounted on a reference land
*3 Mounted on a ceramic board (40×40×0.7 mm)
Tj
150
°C
Tstg
-
55 to +150
°C
Power dissipation
PD *2
0.5
W
PD *3
2.0
W
Collector current
IC
-
1.0
A
ICP *1
-
2.0
A
VCEO
-
30
V
VEBO
-
6
V
Parameter
Symbol
Values
Unit
VCBO
-
30
V
2SAR293P
MPT3
4540
T100
180
Tape width
(mm)
Basic
ordering
unit (pcs)
Part No.
Package
Package
size
(mm)
Taping
code
Marking
Reel size
(mm)
12
1,000
ML
Parameter
Value
VCEO
-
30V
IC
-
1.0A
MPT3
2SAR293P
(SC-62)
<SOT-89>
Base
Emitter
Collector
Collector
Base
Emitter
2013.04 - Rev.B


Similar Part No. - 2SAR293P

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR293P ROHM-2SAR293P Datasheet
529Kb / 6P
Midium Power Transistors (-30V / -1A)
2SAR293P5 ROHM-2SAR293P5 Datasheet
1Mb / 8P
Middle Power Transistors (-30V / -1.0A)
2SAR293PFRA ROHM-2SAR293PFRA Datasheet
1Mb / 8P
Middle Power Transistor (-30V / -1A)
More results

Similar Description - 2SAR293P

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR542F3TR ROHM-2SAR542F3TR Datasheet
722Kb / 7P
PNP -3.0A -30V Middle Power Transistor
QST3TR ROHM-QST3TR Datasheet
393Kb / 7P
PNP -5A -30V Middle Power Transistor
2SAR293P5 ROHM-2SAR293P5 Datasheet
1Mb / 8P
Middle Power Transistors (-30V / -1.0A)
2SAR512R ROHM-2SAR512R Datasheet
1Mb / 10P
PNP -2.0A -30V Middle Power Transistor
2SAR513P ROHM-2SAR513P Datasheet
429Kb / 8P
PNP -1.0A -50V Middle Power Transistor
2SAR513R ROHM-2SAR513R Datasheet
1Mb / 10P
PNP -1.0A -50V Middle Power Transistor
2SAR542P ROHM-2SAR542P Datasheet
769Kb / 8P
PNP -5.0A -30V Middle Power Transistor
2SAR562F3 ROHM-2SAR562F3 Datasheet
365Kb / 8P
PNP -6A -30V Middle Power Transistor
2SAR512RHZG ROHM-2SAR512RHZG Datasheet
1Mb / 9P
PNP -2.0A -30V Middle Power Transistor
20190325 - Rev.001
2SAR513RHZG ROHM-2SAR513RHZG Datasheet
1Mb / 9P
PNP -1.0A -50V Middle Power Transistor
20220329 - Rev.003
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com