Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8944BECS/R Datasheet(PDF) 26 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 26 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 22Page - Cirrus Logic WM8944BECS/R Datasheet HTML 23Page - Cirrus Logic WM8944BECS/R Datasheet HTML 24Page - Cirrus Logic WM8944BECS/R Datasheet HTML 25Page - Cirrus Logic WM8944BECS/R Datasheet HTML 26Page - Cirrus Logic WM8944BECS/R Datasheet HTML 27Page - Cirrus Logic WM8944BECS/R Datasheet HTML 28Page - Cirrus Logic WM8944BECS/R Datasheet HTML 29Page - Cirrus Logic WM8944BECS/R Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 165 page
background image
WM8944B
26
Rev 4.3
DIGITAL MICROPHONE INTERFACE
The WM8944B supports a stereo digital microphone interface, using the IN1/DMICDAT input pin for
data and a GPIO pin for the data clock. The analogue signal path from the IN1/DMICDAT pin must be
disabled when using the digital microphone interface; this is achieved by disabling the input PGA, (ie.
INPGA_ENA = 0).
Note that, although the WM8944B is largely a mono device, it supports a stereo signal path from the
digital microphone interface to the digital audio interface. DSP processing, including 3D stereo
enhancement, can be enabled on this signal path -
see the “DSP Core” section.
The Digital Microphone Input, DMICDAT, is provided on the IN1/DMICDAT pin. The associated clock,
DMICCLK, is provided on a GPIO pin.
The Digital Microphone Input is selected as input by setting the DMIC_ENA bit. When the Digital
Microphone Input is selected, the ADC input is deselected.
The digital microphone interface configuration is illustrated in Figure 9.
Note that the digital microphone may be powered from MICBIAS or from LDOVOUT; care must be
taken to ensure that the respective digital logic levels of the microphone are compatible with the digital
input thresholds of the WM8944B. The digital input thresholds are referenced to DBVDD, as defined in
“Electrical Characteristics”.
DRC
Input PGA
MICBIAS
DMIC
DMICDAT
DMICCLK
MICBIAS
Digital Audio
Interface
(ADCDAT)
ADC
Volume
HPF
DMIC_ENA
GPIOn
IN1/
DMICDAT
Decimation
ADC
DMIC
interface
GPIO
ADCL_ENA
ADCR_ENA
SR[3:0]
INPGA_ENA=0
Figure 9 Digital Microphone Interface
When any GPIO pin is configured as DMICCLK output, the WM8944B outputs a clock which supports
Digital Mic operation at the ADC sampling rate. The ADC and Record Path filters must be enabled
and the ADC sampling rate must be set in order to ensure correct operation of all DSP functions
associated with the digital microphone. Volume control for the Digital Microphone Interface signals is
provided using the ADC Volume Control.
The WM8944B supports stereo digital microphone operation. The ADCL_ENA register enables the
Left channel; the ADCR_ENA register enables the Right channel. Note that only the digital blocks are
enabled by the ADCR_ENA register.
See “Analogue-to-Digital Converter (ADC)” for details of the ADC Enable and volume control
functions. See “General Purpose Input/Output” for details of configuring the DMICCLK output. See
“Clocking and Sample Rates” for the details of the sample rate control.
When the DMIC_ENA bit is set, then the IN1 pin is used as the digital microphone input DMICDAT.
Up to two microphones can share this pin; the two microphones are interleaved as illustrated in Figure
10.
The digital microphone interface requires that MIC1 (Left Channel) transmits a data bit each time that
DMICCLK is high, and MIC2 (Right Channel) transmits when DMICCLK is low. The WM8944B
samples the digital microphone data in the middle of each DMICCLK clock phase. Each microphone
must tri-state its data output when the other microphone is transmitting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com