Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMOC3021 Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KMOC3021
Description  5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3021 Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KMOC3021 Datasheet HTML 1Page - COSMO  Electronics Corporation KMOC3021 Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC3021 Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC3021 Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC3021 Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC3021 Datasheet HTML 6Page - COSMO  Electronics Corporation KMOC3021 Datasheet HTML 7Page - COSMO  Electronics Corporation KMOC3021 Datasheet HTML 8Page - COSMO  Electronics Corporation KMOC3021 Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P41001.2
- 1 -
http://www.cosmo-ic.com
cosmo
KMOC302X Series
5PIN RANDOM-PHASE TRIAC DRIVER
PHOTOCOUPLER
 Description
The KMOC3021 、 KMOC3022 、 KMOC3023
series are optically isolated TRIAC driver devices.
These series contain a GaAs infrared emitting diode
and a light activated silicon bilateral switch, which
functions like a TRIAC. They are designed for
interfacing between electronic controls and power
TRIACs to control resistive and inductive loads for
115 VAC operations.
 Schematic
1
2
3
6
4
1. Anode
2. Cathode
3. NC
4. Main terminal
6. Main terminal
 Features
1. Pb free and RoHS compliant
2. 400V peak blocking voltage
3. Simplifies logic control of 115 VAC power
4. Non zero voltage crossing
5. Isolation voltage between input and output (Viso:5300Vms)
6. MSL class 1
7. Agency Approvals:
• UL Approved (No. E169586): UL1577
• C-UL Approved (No. E169586)
• VDE Approved (No. 101347): DIN EN60747-5-5
• FIMKO Approved: EN60065, EN60950
• SEMKO Approved: EN60065
• CQC Approved: GB8898-2011, GB4943.1-2011
 Applications
• Solenoid/Valve controls
• Lighting controls
• Static power switches
• AC motor drives
• Temperature controls
• E.M contactors
• AC motor contactors
• Solid state relay
• Programmable controllers


Similar Part No. - KMOC3021

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC3021 COSMO-KMOC3021 Datasheet
355Kb / 2P
Optoisolators Triac Driver Output(400V Volts Peak)
KMOC3021H COSMO-KMOC3021H Datasheet
86Kb / 6P
Zero Crossing Optoisolators TRIAC
KMOC3021H COSMO-KMOC3021H Datasheet
213Kb / 10P
5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC3021L COSMO-KMOC3021L Datasheet
213Kb / 10P
5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC3021S COSMO-KMOC3021S Datasheet
82Kb / 6P
Optoisolators TRIAC Driver Output
More results

Similar Description - KMOC3021

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC305X COSMO-KMOC305X Datasheet
214Kb / 10P
5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC304X COSMO-KMOC304X Datasheet
217Kb / 10P
5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC302X COSMO-KMOC302X Datasheet
213Kb / 10P
5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
logo
Everlight Electronics C...
EL301X EVERLIGHT-EL301X_15 Datasheet
509Kb / 12P
6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
logo
COSMO Electronics Corp...
KMOC305X COSMO-KMOC305X_15 Datasheet
270Kb / 10P
5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC3011 COSMO-KMOC3011_15 Datasheet
249Kb / 10P
4PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP165J COSMO-KTLP165J_15 Datasheet
207Kb / 9P
4PIN MINI-FLAT RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3502 COSMO-KTLP3502_15 Datasheet
251Kb / 10P
8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3506 COSMO-KTLP3506_15 Datasheet
251Kb / 10P
8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3616 COSMO-KTLP3616_15 Datasheet
250Kb / 10P
8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com