Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMOC3021 Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KMOC3021
Description  5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3021 Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KMOC3021 Datasheet HTML 1Page - COSMO  Electronics Corporation KMOC3021 Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC3021 Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC3021 Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC3021 Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC3021 Datasheet HTML 6Page - COSMO  Electronics Corporation KMOC3021 Datasheet HTML 7Page - COSMO  Electronics Corporation KMOC3021 Datasheet HTML 8Page - COSMO  Electronics Corporation KMOC3021 Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P41001.2
- 5 -
http://www.cosmo-ic.com
cosmo
KMOC302X Series
5PIN RANDOM-PHASE TRIAC DRIVER
PHOTOCOUPLER
Fig.7 On-state Characteristics
Fig.8 Leakage with LED off
vs. Ambient Temperature
-3
-4 0 0
-2
-1
0
1
2
3
-3 0 0
-2 0 0
-1 0 0
0
+ 1 0 0
+ 2 0 0
+ 3 0 0
+ 4 0 0
O u tp u t p u lse w id th 8 0 u s
IF = 3 0 m A , f= 6 0 H z , T a = 2 5 °C
1
-40
-20
0
20
40
60
80
100 11 5
10
100
1000
On-state Voltage (V)
Ambient Temperature Ta (
)
℃
Fig.9 Trigger Current
vs. Ambient Temperature
-4 0
-2 0
0
2 0
4 0
6 0
8 0
1 0 0 1 1 5
0 .3
0 .4
0 .5
0 .6
0 .7
0 .8
0 .9
1 .0
1 .1
1 .2
1 .3
1 .4
1 .5
1 .6
N o rm a liz e d to T a = 2 5 °C
Ambient Temperature Ta (
)
℃



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com