Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9201 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA9201
Description  WIDE BAND VIDEO PREAMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9201 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA9201 Datasheet HTML 1Page - STMicroelectronics TDA9201 Datasheet HTML 2Page - STMicroelectronics TDA9201 Datasheet HTML 3Page - STMicroelectronics TDA9201 Datasheet HTML 4Page - STMicroelectronics TDA9201 Datasheet HTML 5Page - STMicroelectronics TDA9201 Datasheet HTML 6Page - STMicroelectronics TDA9201 Datasheet HTML 7Page - STMicroelectronics TDA9201 Datasheet HTML 8Page - STMicroelectronics TDA9201 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AC ELECTRICAL CHARACTERISTICS (continued)
VS = 5V and Tamb =25
oC, unless otherwise specified
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
TYPICAL CONTRAST CHARACTERISTICS
GNom.
Gain Reference Value
VIN =1VPP,VCONT = 0.8V, Precontrast
is presetted for having IOUT = 125mAPP
0dB
GL1
VCONT = 0.2 (VIN =1VPP)
-12.46
-11.86
-11.26
dB
GL2
VCONT = 0.4 (VIN =1VPP)
-5.9
-5.6
-5.3
dB
GL3
VCONT = 1.2 (VIN =1VPP)
2.85
3.15
3.45
dB
GL4
VCONT = 1.6 (VIN =1VPP)
4.95
5.55
6.15
dB
GL5
VCONT =0 (VIN =1VPP)
-35
dB
BRIGHTNESS CHARACTERISTICS
BRTx
Max. DC Current on Output
100
mA
BRTi
Min. DC Current on Output
for full bandwidth
10
mA
GBRT
Brightness Control Characteristic
Iout DC /|I11|
DC current output versus |I11|(I11 in
Pin 11 flows from Pin 11 to GND)
326
V2
Voltage Range
0
VREF
V
Vnom
Voltage for Odb Adjustment
(Gnom)
V2
2V
BRIGHTNESS
ADJUST
BRIGHTNESS
ADJUST
BRIGHTNESS
ADJUST
11
20
BRIGHTNESS
ADJUST
2.5k
Brightness
3.9k
5k
20
11
5V
4.7k
R Output Bias
25k
100
5k
3.9k
2.5k
Brightness
20
11
5V
4.7k
R Output Bias
25k
5k
3.9k
20
11
5V
4.7k
R Output Bias
25k
5k
3.9k
RED Channel
GREEN Channel
BLUE Channel
COLOR APPLICATION
BLACK AND WHITE APPLICATION
Figure 1 : Details of Brightness Adjustment
TDA9201
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com