Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74LV164G-P14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LV164G-P14-R
Description  8-BIT SERIAL-IN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LV164G-P14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LV164G-P14-R Datasheet HTML 1Page - Unisonic Technologies U74LV164G-P14-R Datasheet HTML 2Page - Unisonic Technologies U74LV164G-P14-R Datasheet HTML 3Page - Unisonic Technologies U74LV164G-P14-R Datasheet HTML 4Page - Unisonic Technologies U74LV164G-P14-R Datasheet HTML 5Page - Unisonic Technologies U74LV164G-P14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74LV164
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R126-055.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
CONDITIONS
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ +7.0
V
Input Voltage (Note 2)
VIN
-0.5 ~ +7.0
V
Output Voltage
VOUT
-0.5 ~ +7.0
V
Continuous Output Current
IOUT
VOUT=0V ~ VCC
±25
mA
Input Clamp Current
IIK
VIN < 0 or VIN > VCC
±20
mA
Output Clamp Current
IOK
VOUT < 0 or VOUT > VCC
±50
mA
Continuous Current Through
VCC or GND
ICC
±50
mA
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
2.0
5.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
VCC
V
VCC=2.5V±0.2V
200
ns/V
VCC=3.3V±0.3V
100
ns/V
Input Transition Rise or Fall
Rate
∆t/∆v
VCC=5.0V±0.5V
20
ns/V
Operating Temperature
TA
-40
+85
°C
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=2V
1.5
V
VCC=2.5V±0.2V
0.7×VCC
V
VCC=3.3V±0.3V
0.7×VCC
V
High Level Input Voltage
VIH
VCC=5.0V±0.5V
0.7×VCC
V
VCC=2.0V
0.5
V
VCC=2.5V±0.2V
0.3×VCC
V
VCC=3.3V±0.3V
0.3×VCC
V
Low Level Input Voltage
VIL
VCC=5.0V±0.5V
0.3×VCC
V
VCC =2V ~ 5.5V, IOH=-50μA
VCC-0.1
V
VCC =2.3V, IOH=-2mA
2
V
VCC =3V, IOH=-6mA
2.48
V
High-Level Output Voltage
VOH
VCC =4.5V, IOH=-12mA
3.8
V
VCC =2V ~ 5.5V, IOH=50μA
0.1
V
VCC =2.3V, IOH=2mA
0.4
V
VCC =3V, IOH=6mA
0.44
V
Low-Level Output Voltage
VOL
VCC =4.5V, IOH=12mA
0.55
V
Input Leakage Current
II(LEAK)
VCC=0~5.5V, VIN=VCC or GND
±1
μA
Quiescent Supply Current
ICC
VCC=5.5V, VIN=VCC or GND,
IOUT=0A
20
μA
Additional Quiescent Supply
Current Per Input Pin
∆ICC
VCC=5.5V, One input at 0.6V,
Other inputs at VCC or GND
500
μA
Input Capacitance
CI
VCC= 3.3V, VIN= VCC or GND
2.2
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com