Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74LV164G-P14-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74LV164G-P14-R
Description  8-BIT SERIAL-IN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LV164G-P14-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74LV164G-P14-R Datasheet HTML 1Page - Unisonic Technologies U74LV164G-P14-R Datasheet HTML 2Page - Unisonic Technologies U74LV164G-P14-R Datasheet HTML 3Page - Unisonic Technologies U74LV164G-P14-R Datasheet HTML 4Page - Unisonic Technologies U74LV164G-P14-R Datasheet HTML 5Page - Unisonic Technologies U74LV164G-P14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
U74LV164
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R126-055.A
TIMING REQUIREMENTS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=2.5±0.2V
6
ns
VCC=3.3±0.3V
5
ns
Pulse duration
CLK High or Low
tW
VCC=5±0.5V
5
ns
VCC=2.5±0.2V
6.5
ns
VCC=3.3±0.3V
5
ns
Pulse duration
CLR Low
tW
VCC=5±0.5V
5
ns
VCC=2.5±0.2V
6.5
ns
VCC=3.3±0.3V
5
ns
Setup Time
A and B to CLK↑
tSU
VCC=5±0.5V
4.5
ns
VCC=2.5±0.2V
3
ns
VCC=3.3±0.3V
2.5
ns
Setup Time
CLR inactive
tSU
VCC=5±0.5V
2.5
ns
VCC=2.5±0.2V
-0.5
ns
VCC=3.3±0.3V
0
ns
Hold Time
A and B to CLK↑
th
VCC=5±0.5V
1
ns
SWITCHING CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=2.5±0.2V
55
105
ns
VCC=3.3±0.3V
80
155
ns
CL=15pF,
RL=1MΩ
VCC=5±0.5V
125
220
ns
VCC=2.5±0.2V
45
85
ns
VCC=3.3±0.3V
50
120
ns
Maximum frequency
fMAX
CL=50pF,
RL=1MΩ
VCC=5±0.5V
85
165
ns
VCC=2.5±0.2V
9.2
17.6
ns
VCC=3.3±0.3V
6.4
12.8
ns
CL=15pF,
RL=1MΩ
VCC=5±0.5V
4.5
9
ns
VCC=2.5±0.2V
11.5
21.1
ns
VCC=3.3±0.3V
8.3
16.3
ns
Propagation delay from input
(CLK) to output(Q)
tPD
CL=50pF,
RL=1MΩ
VCC=5±0.5V
6
11
ns
VCC=2.5±0.2V
8.6
16
ns
VCC=3.3±0.3V
6
12.8
ns
CL=15pF,
RL=1MΩ
VCC=5±0.5V
4.2
8.6
ns
VCC=2.5±0.2V
10.8
19.5
ns
VCC=3.3±0.3V
7.9
16.3
ns
Propagation delay from
input( CLR ) to output(Q)
tPHL
CL=50pF,
RL=1MΩ
VCC=5±0.5V
5.8
10.6
ns
OPERATING CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation
Capacitance
CPD
VCC=3.3V, f=10MHZ
48
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com