Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74LVC1G3157G-AG6-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC1G3157G-AG6-R
Description  Low ON Resistance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G3157G-AG6-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC1G3157G-AG6-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G3157G-AG6-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G3157G-AG6-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G3157G-AG6-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G3157G-AG6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74LVC1G3157
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-358.F
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ +6.5
V
Switch Voltage
VS
-0.5 ~ VCC+0.5
V
Input Voltage
VIN
-0.5 ~ +6.5
V
VCC or GND Current
ICC
±100
mA
Continuous Output Current
IOUT
128
mA
Input Clamp Current (VIN<0V)
IIK
-50
mA
Operating Temperature
TOPR
-40 ~ + 85
°C
Storage Temperature
TSTG
-65 ~ + 150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOT-26
230
°C/W
Junction to Ambient
SOT-363
θJA
350
°C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
1.65
5.5
V
Control Input Voltage
VIN
(Note)
0
VCC
V
Switch Input Voltage
VIN
(Note)
0
VCC
V
Output Voltage
VOUT
(Note)
0
VCC
V
VCC=1.65V to 1.95V
0.75×VCC
V
High-level Input Voltage
VIH
VCC=2.3V to 5.5V
0.7×VCC
V
VCC=1.65V to 1.95V
0.25×VCC
V
Low-level Input Voltage
VIL
VCC=2.3V to 5.5V
0.3×VCC
V
Control Input
VCC=2.3V~3.6V
10
ns/V
Input Rise or Fall Times
∆V
∆t
Control Input
VCC=4.5V~5.5V
5
ns/V
Note: Control input must be held HIGH or LOW; it must not float.
ELECTRICAL CHARACTERISTICS (TA=25°С , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
VCC=4.5V, VIN=0V ,IOUT=30mA
3.0
7.0
Ω
VCC=4.5V, VIN=2.4V ,IOUT=-30mA
5.0
12.0
Ω
VCC=4.5V, VIN=4.5V ,IOUT=-30mA
7.0
15.0
Ω
VCC=3V, VIN=0V ,IOUT=24mA
4.0
9.0
Ω
VCC=3V, VIN=3V ,IOUT=-24mA
10.0 20.0
Ω
VCC=2.3V, VIN=0V ,IOUT=8mA
5.0
12.0
Ω
VCC=2.3V, VIN=2.3V ,IOUT=-8mA
13.0 30.0
Ω
VCC=1.65V, VIN=0V ,IOUT=4mA
6.5
20.0
Ω
Switch On Resistance
RON
VCC=1.65V, VIN=1.65V ,IOUT=-4mA
17.0 50.0
Ω
VCC=4.5V, VBN=3.15V, IA=-30mA
0.15
Ω
VCC=3V, VBN=2.1V, IA=-24mA
0.2
Ω
VCC=2.3V, VBN=1.6V, IA=-8mA
0.5
Ω
On Resistance Match
Between Channel
∆RON
VCC=1.65V, VBN=1.15V, IA=-4mA
0.5
Ω
Input Leakage Current
II(LEAK)
VCC=0 to 5.5V, 0≤VIN≤5.5V
±0.1
μA
Off State Leakage Current
IOFF
VCC=1.65 to 5.5V, 0≤A,B≤VCC
±0.1
μA
Quiescent Supply Current
IQ
VCC=5.5V, VIN=VCC or GND, IOUT=0
1
μA
Analog Signal Range
VCC= VCC, VIN=VCC or GND
0
VCC
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com