Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74LVC1G3157G-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC1G3157G-AG6-R
Description  Low ON Resistance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G3157G-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC1G3157G-AG6-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G3157G-AG6-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G3157G-AG6-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G3157G-AG6-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G3157G-AG6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC1G3157
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R502-358.F
SINGLE-POLE,DOUBLE-THROW
ANALOG SWITCH
DESCRIPTION
The UTC U74LVC1G3157 is a low voltage single-pole,
double-throw (SPDT) analog switch intending for use in chopping,
modem, signal gating, and signal multiplexing for analog-to-digital
and digital-to-analog conversion systems.
FEATURES
* Useful in Both Analog and Digital Applications
* Rail-to-Rail Signal Handing
* Low ON Resistance:<10Ω on Typical @ 3.3V VCC
* Broad VCC Operating Range:1.65V to 5.5V
* Over-Voltage Tolerance of Control Input to 6.5V
ORDERING INFORMATION
Ordering Number
Package
Packing
U74LVC1G3157G-AG6-R
SOT-26
Tape Reel
U74LVC1G3157G-AL6-R
SOT-363
Tape Reel
MARKING
L3AG
12
3
4
5
6


Similar Part No. - U74LVC1G3157G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G3157G-AG6-R UTC-U74LVC1G3157G-AG6-R Datasheet
153Kb / 5P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
More results

Similar Description - U74LVC1G3157G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
Low On-resistance
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
Low On-resistance
AP2430GN3-HF A-POWER-AP2430GN3-HF_14 Datasheet
96Kb / 4P
Low On-resistance
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
Low On-resistance
AP4228GM-HF A-POWER-AP4228GM-HF_14 Datasheet
204Kb / 5P
Low On-resistance
AP9579GJ-HF A-POWER-AP9579GJ-HF_14 Datasheet
99Kb / 4P
Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
Low On-Resistance
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com