Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3401CD Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3401CD
Description  FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3401CD Datasheet(HTML) 4 Page - Texas Instruments

  TLV3401CD Datasheet HTML 1Page - Texas Instruments TLV3401CD Datasheet HTML 2Page - Texas Instruments TLV3401CD Datasheet HTML 3Page - Texas Instruments TLV3401CD Datasheet HTML 4Page - Texas Instruments TLV3401CD Datasheet HTML 5Page - Texas Instruments TLV3401CD Datasheet HTML 6Page - Texas Instruments TLV3401CD Datasheet HTML 7Page - Texas Instruments TLV3401CD Datasheet HTML 8Page - Texas Instruments TLV3401CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TLV3401, TLV3402, TLV3404
FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
SLCS135A – AUGUST 2000 – REVISED NOVEMBER 2000
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified operating free-air temperature, VCC = 2.7 V, 5 V, 15 V (unless
otherwise noted)
dc performance
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
250
3600
µV
VIO
Input offset voltage
VIC= VCC/2,
RS = 50 Ω,
RP = 1 MΩ
Full range
4400
µV
αVIO
Offset voltage drift
25
°C
3
µV/°C
VIC=0to2 7V
RS =50 Ω
25
°C
55
72
VIC= 0 to 2.7 V,
RS = 50 Ω
Full range
50
CMRR
Common mode rejection ratio
VIC=0to5V
RS =50 Ω
25
°C
60
76
dB
CMRR
Common-mode rejection ratio
VIC= 0 to 5 V,
RS = 50 Ω
Full range
55
dB
VIC=0to15V
RS =50 Ω
25
°C
65
88
VIC= 0 to 15 V,
RS = 50 Ω
Full range
60
AVD
Large-signal differential voltage
amplification
RP = 1 MΩ
25
°C
1000
V/mV
† Full range is 0
°C to 70°C for C suffix and –40°C to 125°C for I suffix. If not specified, full range is –40°C to 125°C.
input/output characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
IIO
Input offset current
25
°C
20
100
pA
IIO
Input offset current
VIC =VCC/2
RP =1MΩ
RS =50 Ω
Full range
1000
pA
IIB
Input bias current
VIC = VCC/2, RP = 1 MΩ, RS = 50 Ω
25
°C
80
250
pA
IIB
Input bias current
Full range
1500
pA
ri(d)
Differential input resistance
25
°C
300
M
Ω
IOZ
High-impedance output leakage
current
VIC = VCC/2,
VO = VCC,
VID = 1 V
25
°C
50
pA
VIC = VCC/2,
IOL = 2 µA, VID = –1 V
25
°C
8
VOL
Low-level output voltage
VIC =VCC/2
IOL =50 µAVID = 1V
25
°C
80
200
mV
VIC = VCC/2,
IOL = 50 µA, VID = –1 V
Full range
300
† Full range is 0
°C to 70°C for C suffix and –40°C to 125°C for I suffix. If not specified, full range is –40°C to 125°C.
power supply
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
Output state low
25
°C
470
550
ICC
Supply current (per channel)
RP =No pullup
Output state low
Full range
750
nA
ICC
Supply current (per channel)
RP = No pullup
Output state high
25
°C
560
640
nA
Output state high
Full range
950
VCC=2 7Vto5V
25
°C
75
100
PSRR
Power supply rejection ratio
VIC = VCC/2 V,
VCC= 2.7 V to 5 V
Full range
70
dB
PSRR
Power supply rejection ratio
IC
CC
No load
VCC=5Vto15V
25
°C
85
105
dB
VCC= 5 V to 15 V
Full range
80
† Full range is 0
°C to 70°C for C suffix and –40°C to 125°C for I suffix. If not specified, full range is –40°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com