Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3401CD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3401CD
Description  FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3401CD Datasheet(HTML) 1 Page - Texas Instruments

  TLV3401CD Datasheet HTML 1Page - Texas Instruments TLV3401CD Datasheet HTML 2Page - Texas Instruments TLV3401CD Datasheet HTML 3Page - Texas Instruments TLV3401CD Datasheet HTML 4Page - Texas Instruments TLV3401CD Datasheet HTML 5Page - Texas Instruments TLV3401CD Datasheet HTML 6Page - Texas Instruments TLV3401CD Datasheet HTML 7Page - Texas Instruments TLV3401CD Datasheet HTML 8Page - Texas Instruments TLV3401CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TLV3401, TLV3402, TLV3404
FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
SLCS135A – AUGUST 2000 – REVISED NOVEMBER 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Supply Current . . . 470 nA/Per Channel
D Input Common-Mode Range Exceeds the
Rails . . . –0.1 V to VCC + 5 V
D Supply Voltage Range . . . 2.5 V to 16 V
D Reverse Battery Protection Up to 18 V
D Open Drain CMOS Output Stage
D Specified Temperature Range
– 0
°C to 70°C – Commercial Grade
– –40
°C to 125°C – Industrial Grade
D Ultrasmall Packaging
– 5-Pin SOT-23 (TLV3401)
– 8-Pin MSOP (TLV3402)
D Universal Op-Amp EVM (Reference
SLOU060 for more information)
description
The TLV340x is Texas Instruments’ first family of
nanopower comparators with only 470 nA per
channel supply current, which make this device
ideal for battery power and wireless handset
applications.
The TLV340x has a minimum operating supply
voltage of 2.7 V over the extended industrial
temperature range (TA = –40°C to 125°C), while
having an input common-mode range of –0.1 to
VCC + 5 V. The low supply current makes it an ideal
choice for battery powered portable applications
where quiescent current is the primary concern.
Reverse battery protection guards the amplifier
from an over-current condition due to improper
battery installation. For harsh environments, the
inputs can be taken 5 V above the positive supply
rail without damage to the device.
All members are available in PDIP and SOIC with the singles in the small SOT-23 package, duals in the MSOP,
and quads in the TSSOP package.
A SELECTION OF OUTPUT COMPARATORS†
DEVICE
VCC
(V)
VIO
(
µV)
ICC/Ch
(
µA)
IIB
(pA)
tPLH
(
µs)
tPHL
(
µs)
tf
(
µs)
tr
(
µs)
RAIL-TO-
RAIL
OUTPUT
STAGE
TLV340x
2.5 – 16
250
0.47
80
55
30
5
–
I
OD
TLV370x
2.5 – 16
250
0.47
80
25
30
5
3.5
I
PP
TLC3702/4
3 – 16
1200
9
5
1.1
0.65
0.5
0.125
–
PP
TLC393/339
3 – 16
1400
11
5
1.1
0.55
0.22
–
–
OD
TLC372/4
3 – 16
1000
75
5
0.65
0.65
–
–
–
OD
† All specifications are typical values measured at 5 V.
Copyright
 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
500
0
0
VCC – Supply Voltage – V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
100
200
300
400
600
700
2
4
6
8
10
12
14
VID = –1 V
TA = 125°C
TA = 25°C
TA = 70°C
TA = 0°C
TA = –40°C
16
high side voltage sense circuit
TLV340X
µP
D1
R4
1 M
Ω
R3
100 k
Ω
R1
1 M
Ω
R2
1 M
Ω
+
0
0
VCC
Vref


Similar Part No. - TLV3401CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3401CD TI1-TLV3401CD Datasheet
759Kb / 14P
FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
TLV3401CDBVR TI1-TLV3401CDBVR Datasheet
759Kb / 14P
FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
TLV3401CDBVRG4 TI1-TLV3401CDBVRG4 Datasheet
759Kb / 14P
FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
TLV3401CDBVT TI1-TLV3401CDBVT Datasheet
759Kb / 14P
FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
TLV3401CDBVTG4 TI1-TLV3401CDBVTG4 Datasheet
759Kb / 14P
FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
More results

Similar Description - TLV3401CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2302 TI-TLV2302 Datasheet
396Kb / 22P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV3701 TI-TLV3701 Datasheet
304Kb / 15P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
logo
Microchip Technology
MCP6546 MICROCHIP-MCP6546_12 Datasheet
1Mb / 44P
Open-Drain Output Sub-Microamp Comparators
11/29/11
logo
Texas Instruments
TLV3401 TI1-TLV3401_13 Datasheet
759Kb / 14P
FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
TLV3702QDRG4Q1 TI-TLV3702QDRG4Q1 Datasheet
948Kb / 16P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701 TI1-TLV3701 Datasheet
1Mb / 26P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV2302 TI1-TLV2302_14 Datasheet
897Kb / 21P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV3701 TI1-TLV3701_15 Datasheet
1Mb / 26P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com