Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3401CDBV Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV3401CDBV
Description  FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3401CDBV Datasheet(HTML) 5 Page - Texas Instruments

  TLV3401CDBV Datasheet HTML 1Page - Texas Instruments TLV3401CDBV Datasheet HTML 2Page - Texas Instruments TLV3401CDBV Datasheet HTML 3Page - Texas Instruments TLV3401CDBV Datasheet HTML 4Page - Texas Instruments TLV3401CDBV Datasheet HTML 5Page - Texas Instruments TLV3401CDBV Datasheet HTML 6Page - Texas Instruments TLV3401CDBV Datasheet HTML 7Page - Texas Instruments TLV3401CDBV Datasheet HTML 8Page - Texas Instruments TLV3401CDBV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TLV3401, TLV3402, TLV3404
FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
SLCS135A – AUGUST 2000 – REVISED NOVEMBER 2000
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics at recommended operating conditions, VCC = 2.7 V, 5 V, 15 V, TA = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
Pti
d l
ti
l
t hi h l
l
Overdrive = 2 mV
175
t(PLH)
Propagation delay time, low-to-high-level
output
f=10kHz
Overdrive = 10 mV
25
°C
80
()
out ut
f = 10 kHz,
VSTEP = 1 V,
Overdrive = 50 mV
55
µs
Pti
d l
ti
hi h t l
l
l
STEP
,
RP = 1 MΩ,
C10 F
Overdrive = 2 mV
300
µs
t(PHL)
Propagation delay time, high-to-low-level
output
CL = 10 pF
Overdrive = 10 mV
25
°C
60
()
out ut
Overdrive = 50 mV
30
tf
Fall time
RP = 1 MΩ,
CL = 10 pF
25
°C
5
µs
NOTE: The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V.
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Input bias/offset current
vs Free-air temperature
1
Open collector leakage current
vs Free-air temperature
2
VOL
Low-level output voltage
vs Low-level output current
3, 4, 5
IDD
Supply current
vs Supply voltage
6
IDD
Supply current
vs Free-air temperature
7
Low-to-high level output response for various input overdrives
8, 9, 10
High-to-low level output response for various input overdrives
11, 12, 13
Output fall time
vs Supply voltage
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com