Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3401CDBV Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV3401CDBV
Description  FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3401CDBV Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV3401CDBV Datasheet HTML 2Page - Texas Instruments TLV3401CDBV Datasheet HTML 3Page - Texas Instruments TLV3401CDBV Datasheet HTML 4Page - Texas Instruments TLV3401CDBV Datasheet HTML 5Page - Texas Instruments TLV3401CDBV Datasheet HTML 6Page - Texas Instruments TLV3401CDBV Datasheet HTML 7Page - Texas Instruments TLV3401CDBV Datasheet HTML 8Page - Texas Instruments TLV3401CDBV Datasheet HTML 9Page - Texas Instruments TLV3401CDBV Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TLV3401, TLV3402, TLV3404
FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
SLCS135A – AUGUST 2000 – REVISED NOVEMBER 2000
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
–200
0
200
400
600
800
1000
1200
–40
–10
20 35
65
125
INPUT BIAS/OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
IIB
IIO
VCC = 15 V
Figure 1
–25
5
50
80 95 110
Figure 2
–200
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
–40 –25 –10 5
20 35 50 65 80 95 110 125
OPEN COLLECTOR LEAKAGE CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VCC = 15 V
VCC = 2.7 V, 5 V
VID = 1 V
Figure 3
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL – Low-Level Output Current – mA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
VCC = 2.7 V
VID = –1 V
TA = 125°C
TA = 25°C
TA = 70°C
TA = 0°C
TA = –40°C
Figure 4
0
2
2.5
3
3.5
4.5
5
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL – Low-Level Output Current – mA
0.5
1
1.5
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
VCC = 5 V
VID = –1 V
TA = 125°C
TA = 25°C
TA = 70°C
TA = 0°C
TA = –40°C
4
Figure 5
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL – Low-Level Output Current – mA
0
1.5
3
4.5
6
7.5
9
10.5
12
13.5
15
012
34
567
89
VCC = 15 V
VID = –1 V
TA = 125°C
TA = 25°C
TA = 70°C
TA = 0°C
TA = –40°C
Figure 6
500
0
0
VCC – Supply Voltage – V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
100
200
300
400
600
700
246
8
10
12
14
VID = –1 V
TA = 125°C
TA = 25°C
TA = 70°C
TA = 0°C
TA = –40°C
16
Figure 7
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VCC = 2.7 V, 5 V, 15 V
VID = –1 V
0
100
200
300
400
500
600
700
–40 –25 –10
5
20 35 50 65 80 95 110 125
Figure 8
0
0.5
1
1.5
2
2.5
0
50
100
150
200
250
300
0
0.05
0.1
t – Time –
µs
LOW-TO-HIGH LEVEL OUTPUT
RESPONSE FOR VARIOUS
INPUT OVERDRIVES
VCC = 2.7 V
CL = 10 pF
RP = 1 MΩ (Pullup to VCC)
TA = 25°C
10 mV
50 mV
2 mV
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com