Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS28F210 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS28F210
Description  65536 BY 16-BIT FLASH MEMORY
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F210 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS28F210 Datasheet HTML 3Page - Texas Instruments TMS28F210 Datasheet HTML 4Page - Texas Instruments TMS28F210 Datasheet HTML 5Page - Texas Instruments TMS28F210 Datasheet HTML 6Page - Texas Instruments TMS28F210 Datasheet HTML 7Page - Texas Instruments TMS28F210 Datasheet HTML 8Page - Texas Instruments TMS28F210 Datasheet HTML 9Page - Texas Instruments TMS28F210 Datasheet HTML 10Page - Texas Instruments TMS28F210 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
TMS28F210
65536 BY 16-BIT
FLASH MEMORY
SMJS210D – DECEMBER 1992 – REVISED AUGUST 1997
7
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
operation
Modes of operation are defined in Table 1.
Table 1. Operation Modes†‡
FUNCTION
MODE
DBW
VPP§
E
G
A0
A9
W
DQ0 – DQ15
MODE
DBW
PACKAGE
11
12
30
31
1
9
13 – 20, 22 – 29
FN PACKAGE
2
3
22
24
35
43
4 – 11, 14 – 21
Read
VPPL
VIL
VIL
X
X
VIH
Data Out
Output Disable
VPPL
VIL
VIH
X
X
VIH
Hi-Z
Read
Standby and Write Inhibit
VPPL
VIH
X
X
X
X
Hi-Z
Algorithm Selection Mode
VPPL
VIL
VIL
VIL
VID
VIH
Mfr. Equivalent Code 0097h
Algorithm-Selection Mode
VPPL
VIL
VIL
VIH
VID
VIH
Device Equivalent Code 00E5h
Read
VPPH
VIL
VIL
X
X
VIH
Data Out
Read/
Output Disable
VPPH
VIL
VIH
X
X
VIH
Hi-Z
Write
Standby and Write Inhibit
VPPH
VIH
X
X
X
X
Hi-Z
Write
VPPH
VIL
VIH
X
X
VIL
Data In
† See the recommended operating conditions table.
‡ X can be VIL or VIH.
§ VPPL ≤ VCC + 2 V; VPPH is the programming voltage specified for the device.
read/output disable
When the outputs of two or more TMS28F210s are connected in parallel on the same bus, the output of any
particular device in the circuit can be read with no interference from the competing outputs of other devices. To
read the output of the TMS28F210, a low-level signal is applied to the E and G pins. All other devices in the circuit
should have their outputs disabled by applying a high-level signal to one of these pins.
standby and write inhibit
Active ICC current can be reduced from 50 mA to 1 mA by applying a high TTL level on E or reduced to 100 µA
with a high CMOS level on E. In this mode, all outputs are in the high-impedance state. The TMS28F210 draws
active current when it is deselected during programming, erasure, or program/erase verification. It continues
to draw active current until the operation is terminated.
algorithm-selection mode
The algorithm-selection mode provides access to a binary code that identifies the correct programming and
erase algorithms. This mode is activated when A9 is forced to VID. Two identifier bytes are accessed by toggling
A0. All other addresses must be held low. A0 low selects the manufacturer-equivalent code 0097h, and A0 high
selects the device-equivalent code 00E5h, as shown in Table 2.
Table 2. Algorithm-Selection Modes
IDENTIFIER
PINS#
IDENTIFIER
A0
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
HEX
Manufacturer-Equivalent Code
VIL
1
0
0
1
0
1
1
1
0097
Device-Equivalent Code
VIH
1
1
1
0
0
1
0
1
00E5
¶ E = G = A1 – A8 = A10 – A15 = VIL, A9 = VID, VPP = VPPL
# D8 – D15 are not shown in the table because the upper eight data bits read 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com