Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS28F210 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMS28F210
Description  65536 BY 16-BIT FLASH MEMORY
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F210 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS28F210 Datasheet HTML 8Page - Texas Instruments TMS28F210 Datasheet HTML 9Page - Texas Instruments TMS28F210 Datasheet HTML 10Page - Texas Instruments TMS28F210 Datasheet HTML 11Page - Texas Instruments TMS28F210 Datasheet HTML 12Page - Texas Instruments TMS28F210 Datasheet HTML 13Page - Texas Instruments TMS28F210 Datasheet HTML 14Page - Texas Instruments TMS28F210 Datasheet HTML 15Page - Texas Instruments TMS28F210 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Write Erase-Verify Command
Setup
Last
Address?
Start
Increment
Address
Read
and Verify
Word
X = X + 1
Wait = 10 ms
Pass
Write Read Command
X = 1000?
Interactive
Mode
Program All
Words to
0000h
Apply VPPL
Power
Down
Apply VPPL
Address = 00h
VCC = 5 V ± 10%, VPP = 12 V ± 5%
X = 1
Device Passed
Device Failed
No
Yes
No
Yes
Fail
No
Yes
Wait = 6
µs
Preprogram
All
Words =
0000h
?
Write Set-Up-Erase Command
Write Erase Command
TMS28F210
65536 BY 16-BIT
FLASH MEMORY
SMJS210D – DECEMBER 1992 – REVISED AUGUST 1997
12
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Bus
Operation
Command
Comments
Entire memory must = 0000h
before erasure
Use Fastwrite
programming algorithm
Initialize addresses
Standby
Wait for VPP to ramp to
VPPH (see Note A)
Initialize pulse count
Write
Set-Up-
Erase
Data = 0020h
Write
Erase
Data = 0020h
Standby
Wait = 10 ms
Write
Erase
Verify
Addr = Word to verify;
data = 00A0h; ends the erase
operation
Standby
Wait = 6
µs
Read
Read word to verify erasure;
compare output to FFFFh
Write
Read
Data = 0000h; resets register
for read operations
Standby
Wait for VPP to ramp to
VPPL (see Note B)
NOTES: A. Refer to the recommended operating conditions for the value of VPPH
B. Refer to the recommended operating conditions for the value of VPPL
Figure 2. Flash-Erase Flowchart: Fasterase Algorithm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com