Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPR910 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DLPR910
Description  Configuration PROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPR910 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DLPR910 Datasheet HTML 6Page - Texas Instruments DLPR910 Datasheet HTML 7Page - Texas Instruments DLPR910 Datasheet HTML 8Page - Texas Instruments DLPR910 Datasheet HTML 9Page - Texas Instruments DLPR910 Datasheet HTML 10Page - Texas Instruments DLPR910 Datasheet HTML 11Page - Texas Instruments DLPR910 Datasheet HTML 12Page - Texas Instruments DLPR910 Datasheet HTML 13Page - Texas Instruments DLPR910 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
LVDS Interface
DCLKIN(A,B,C,D),DVALID(A,B,C,D),DIN(A,B,C,D)[15:])
DLPC910
DLP9000XFLS
APPS
FPGA
DOUT(A,B,C,D)[15:0]
DCLKOUT (A,B,C,D)
SCTRL(A,B,C,D)
RESET_ADDR(3:0)
RESET_MODE(1:0)
RESET_SEL(1:0)
RESET_STRB
RESET_OEZ
RESET_IRQZ
SCP BUS(3:0)
Power Management
OSC
50 MHz
CTRL_RSTZ
JTAG(3:0)
DLPR910
PGM(4:0)
USER
Interface
Connectivity
USB
Ethernet
Volatile
And
Non-volatile
Storage
I2C
Row and Block Signals
ROWMD(1:0),ROWAD(10:0),BLKMD(1:0),BLKAD(3:0),RST2BLKZ
Control Signals
COMP_DATA,NS_FLIP,WDT_ENBLZ,PWR_FLOAT
Status Signals
RST_ACTIVE,INIT_ACTIVE,ECP2_FINISHED
RESETZ
VLED0
VLED1
Illumination
Driver
Illumination
Sensor
10
DLPR910
DLPS065B – SEPTEMBER 2015 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: DLPR910
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The DLPR910 configuration PROM comes pre-programmed with configuration code for the DLPC910. Upon
power-up, the DLPC910 and the DLPR910 handshake with each other to enable configuration information to be
sent from the DLPR910 to the DLPC910, such that the DLPC910 can configure itself for proper operation within
the application. Without the DLPR910 properly connected to the DLPC910 in the application system, the
DLPC910 would not be able to boot itself and the system would remain inoperable.
8.2 Typical Application
A typical use case for a high speed lithography application is shown in Figure 3 and in Figure 4. Both
applications offer continuous run of printing by changing the digitally created patterns without stopping the
imaging head. The DLPR910 prom configures the DLPC910 digital controller to reliably operate with the
DLP9000X DMD or the DLP6500 DMDs. These chipset combinations provide an ideal back-end imager that
takes in digital images at 2560 × 1600 and 1920 x 1080 in resolution to achieve speeds greater than 61 Gigabits
per second (Gbps) and 24 Gbps respectively. For complete details of this typical application refer to the
DLPC910 data sheet listed in Related Documentation.
Figure 3. Typical High Speed DLP9000X Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com