Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM505 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DM505 Datasheet HTML 3Page - Texas Instruments DM505 Datasheet HTML 4Page - Texas Instruments DM505 Datasheet HTML 5Page - Texas Instruments DM505 Datasheet HTML 6Page - Texas Instruments DM505 Datasheet HTML 7Page - Texas Instruments DM505 Datasheet HTML 8Page - Texas Instruments DM505 Datasheet HTML 9Page - Texas Instruments DM505 Datasheet HTML 10Page - Texas Instruments DM505 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 286 page
background image
7
DM505
www.ti.com
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Device Comparison
Copyright © 2016–2017, Texas Instruments Incorporated
Table 3-1. Device Comparison (continued)
Features
Device
DM505
Timers, General-Purpose
TIMER
8
Dual Clock Comparators (DCC)
DCC
7
Pulse-Width Modulation Subsystem (PWMSS)
PWMSS1
Yes
Universal Asynchronous Receiver/Transmitter
(UART)
UART
3
Memory Cyclic Redundancy Check (CRC)
CRC
Yes
TESOC (LBIST/PBIST)
LBIST/PBIST
Yes
Error Signaling Module (ESM)
ESM
Yes
Real Time Interrupt (RTI)
RTI
5
(1) Wide Dynamic Range and Lens Distortion Correction.
(2) Device supports FD (Flexible Data Rate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com