Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD323X Datasheet(PDF) 136 Page - STMicroelectronics

Part # UPSD323X
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD323X Datasheet(HTML) 136 Page - STMicroelectronics

Back Button UPSD323X Datasheet HTML 132Page - STMicroelectronics UPSD323X Datasheet HTML 133Page - STMicroelectronics UPSD323X Datasheet HTML 134Page - STMicroelectronics UPSD323X Datasheet HTML 135Page - STMicroelectronics UPSD323X Datasheet HTML 136Page - STMicroelectronics UPSD323X Datasheet HTML 137Page - STMicroelectronics UPSD323X Datasheet HTML 138Page - STMicroelectronics UPSD323X Datasheet HTML 139Page - STMicroelectronics UPSD323X Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 176 page
background image
µPSD323X
136/176
POWER MANAGEMENT
All PSD MODULE offers configurable power sav-
ing options. These options may be used individu-
ally or in combinations, as follows:
s
The primary and secondary Flash memory, and
SRAM blocks are built with power management
technology. In addition to using special silicon
design methodology, power management
technology puts the memories into Standby
Mode when address/data inputs are not
changing (zero DC current). As soon as a
transition occurs on an input, the affected
memory “wakes up,” changes and latches its
outputs, then goes back to standby. The
designer does
not have to do anything special to
achieve Memory Standby Mode when no inputs
are changing—it happens automatically.
The PLD sections can also achieve Standby
Mode when its inputs are not changing, as de-
scribed in the sections on the Power Manage-
ment Mode Registers (PMMR).
s
As with the Power Management Mode, the
Automatic Power Down (APD) block allows the
PSD MODULE to reduce to stand-by current
automatically. The APD Unit can also block
MCU address/data signals from reaching the
memories and PLDs. The APD Unit is described
in more detail in the sections entitled “The PSD
MODULE has a Turbo Bit in PMMR0. This bit
can be set to turn the Turbo Mode off (the
default is with Turbo Mode turned on). While
Turbo Mode is off, the PLDs can achieve
standby current when no PLD inputs are
changing (zero DC current). Even when inputs
do change, significant power can be saved at
lower frequencies (AC current), compared to
when Turbo Mode is on. When the Turbo Mode
is on, there is a significant DC current
component and the AC component is higher...,”
page 137.
Built in logic monitors the Address Strobe of the
MCU for activity. If there is no activity for a cer-
tain time period (MCU is asleep), the APD Unit
initiates Power-down Mode (if enabled). Once in
Power-down Mode, all address/data signals are
blocked from reaching memory and PLDs, and
the memories are deselected internally. This al-
lows the memory and PLDs to remain in
Standby Mode even if the address/data signals
are changing state externally (noise, other de-
vices on the MCU bus, etc.). Keep in mind that
any unblocked PLD input signals that are
changing states keeps the PLD out of Stand-by
Mode, but not the memories.
s
PSD Chip Select Input (CSI, PD2) can be used
to disable the internal memories, placing them
in Standby Mode even if inputs are changing.
This feature does not block any internal signals
or disable the PLDs. This is a good alternative
to using the APD Unit. There is a slight penalty
in memory access time when PSD Chip Select
Input (CSI, PD2) makes its initial transition from
deselected to selected.
s
The PMMRs can be written by the MCU at run-
time to manage power. The PSD MODULE
supports “blocking bits” in these registers that
are set to block designated signals from
reaching both PLDs. Current consumption of
the PLDs is directly related to the composite
frequency of the changes on their inputs (see
Figure 72 and Figure 73). Significant power
savings can be achieved by blocking signals
that are not used in DPLD or CPLD logic
equations.
Figure 69. APD Unit
APD EN
PMMR0 BIT 1=1
ALE
RESET
CSI
CLKIN
TRANSITION
DETECTION
EDGE
DETECT
APD
COUNTER
POWER DOWN
(PDN)
DISABLE BUS
INTERFACE
CSIOP SELECT
FLASH SELECT
SRAM SELECT
PD
CLR
PD
DISABLE
FLASH/SRAM
PLD
SELECT
AI06608



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com