Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD323X Datasheet(PDF) 137 Page - STMicroelectronics

Part # UPSD323X
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD323X Datasheet(HTML) 137 Page - STMicroelectronics

Back Button UPSD323X Datasheet HTML 133Page - STMicroelectronics UPSD323X Datasheet HTML 134Page - STMicroelectronics UPSD323X Datasheet HTML 135Page - STMicroelectronics UPSD323X Datasheet HTML 136Page - STMicroelectronics UPSD323X Datasheet HTML 137Page - STMicroelectronics UPSD323X Datasheet HTML 138Page - STMicroelectronics UPSD323X Datasheet HTML 139Page - STMicroelectronics UPSD323X Datasheet HTML 140Page - STMicroelectronics UPSD323X Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 176 page
background image
137/176
µPSD323X
The PSD MODULE has a Turbo Bit in PMMR0.
This bit can be set to turn the Turbo Mode off (the
default is with Turbo Mode turned on). While Turbo
Mode is off, the PLDs can achieve standby current
when no PLD inputs are changing (zero DC cur-
rent). Even when inputs do change, significant
power can be saved at lower frequencies (AC cur-
rent), compared to when Turbo Mode is on. When
the Turbo Mode is on, there is a significant DC cur-
rent component and the AC component is higher.
Automatic Power-down (APD) Unit and Power-
down Mode. The APD Unit, shown in Figure 69,
puts the PSD MODULE into Power-down Mode by
monitoring the activity of Address Strobe (ALE). If
the APD Unit is enabled, as soon as activity on Ad-
dress Strobe (ALE) stops, a four-bit counter starts
counting. If Address Strobe (ALE/AS, PD0) re-
mains inactive for fifteen clock periods of CLKIN
(PD1), Power-down (PDN) goes High, and the
PSD MODULE enters Power-down Mode, as dis-
cussed next.
Power-down Mode. By default, if you enable the
APD Unit, Power-down Mode is automatically en-
abled. The device enters Power-down Mode if Ad-
dress Strobe (ALE) remains inactive for fifteen
periods of CLKIN (PD1).
The following should be kept in mind when the
PSD MODULE is in Power-down Mode:
s
If Address Strobe (ALE) starts pulsing again, the
PSD MODULE returns to normal Operating
mode. The PSD MODULE also returns to
normal Operating mode if either PSD Chip
Select Input (CSI, PD2) is Low or the RESET
input is High.
s
The MCU address/data bus is blocked from all
memory and PLDs.
s
Various signals can be blocked (prior to Power-
down Mode) from entering the PLDs by setting
the appropriate bits in the PMMR registers. The
blocked signals include MCU control signals
and the common CLKIN (PD1).
Note: Blocking CLKIN (PD1) from the PLDs
does not block CLKIN (PD1) from the APD Unit.
s
All memories enter Standby Mode and are
drawing standby current. However, the PLD and
I/O ports blocks do
not go into Standby Mode
because you don’t want to have to wait for the
logic and I/O to “wake-up” before their outputs
can change. See Table 101 for Power-down
Mode effects on PSD MODULE ports.
s
Typical standby current is of the order of
microamperes. These standby current values
assume that there are no transitions on any PLD
input.
Other Power Saving Options. The PSD MOD-
ULE offers other reduced power saving options
that are independent of the Power-down Mode.
Except for the SRAM Stand-by and PSD Chip Se-
lect Input (CSI, PD2) features, they are enabled by
setting bits in PMMR0 and PMMR2.
Figure 70. Enable Power-down Flow Chart
Table 101. Power-down Mode’s Effect on Ports
Port Function
Pin Level
MCU I/O
No Change
PLD Out
No Change
Address Out
Undefined
Peripheral I/O
Tri-State
Enable APD
Set PMMR0 Bit 1 = 1
PSD Module in Power
Down Mode
ALE idle
for 15 CLKIN
clocks?
RESET
Yes
No
OPTIONAL
Disable desired inputs to PLD
by setting PMMR0 bits 4 and 5
and PMMR2 bits 2 through 6.
AI06609



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com