Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD323X Datasheet(PDF) 140 Page - STMicroelectronics

Part # UPSD323X
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD323X Datasheet(HTML) 140 Page - STMicroelectronics

Back Button UPSD323X Datasheet HTML 136Page - STMicroelectronics UPSD323X Datasheet HTML 137Page - STMicroelectronics UPSD323X Datasheet HTML 138Page - STMicroelectronics UPSD323X Datasheet HTML 139Page - STMicroelectronics UPSD323X Datasheet HTML 140Page - STMicroelectronics UPSD323X Datasheet HTML 141Page - STMicroelectronics UPSD323X Datasheet HTML 142Page - STMicroelectronics UPSD323X Datasheet HTML 143Page - STMicroelectronics UPSD323X Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 176 page
background image
µPSD323X
140/176
RESET TIMING AND DEVICE STATUS AT RESET
Upon Power-up, the PSD MODULE requires a Re-
set (RESET) pulse of duration tNLNH-PO after VCC
is steady. During this period, the device loads in-
ternal configurations, clears some of the registers
and sets the Flash memory into operating mode.
After the rising edge of Reset (RESET), the PSD
MODULE remains in the Reset Mode for an addi-
tional period, tOPR, before the first memory access
is allowed.
The Flash memory is reset to the READ Mode
upon Power-up. Sector Select (FS0-FS7 and
CSBOOT0-CSBOOT3) must all be Low, WRITE
Strobe (WR, CNTL0) High, during Power-on
RESET for maximum security of the data contents
and to remove the possibility of a byte being writ-
ten on the first edge of WRITE Strobe (WR). Any
Flash memory WRITE cycle initiation is prevented
automatically when VCC is below VLKO.
Warm RESET
Once the device is up and running, the PSD MOD-
ULE can be reset with a pulse of a much shorter
duration, tNLNH. The same tOPR period is needed
before the device is operational after a Warm
RESET. Figure 71 shows the timing of the Power-
up and Warm RESET.
I/O Pin, Register and PLD Status at RESET
Table 105 shows the I/O pin, register and PLD sta-
tus during Power-on RESET, Warm RESET, and
Power-down Mode. PLD outputs are always valid
during Warm RESET, and they are valid in Power-
on RESET once the internal Configuration bits are
loaded. This loading is completed typically long
before the VCC ramps up to operating level. Once
the PLD is active, the state of the outputs are de-
termined by the PLD equations.
Reset of Flash Memory Erase and Program
Cycles
A Reset (RESET) also resets the internal Flash
memory state machine. During a Flash memory
Program or Erase cycle, Reset (RESET) termi-
nates the cycle and returns the Flash memory to
the READ Mode within a period of tNLNH-A.
Figure 71. Reset (RESET) Timing
tNLNH-PO
tOPR
AI02866b
RESET
tNLNH
tNLNH-A
tOPR
VCC
V
CC(min)
Power-On Reset
Warm Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com