Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

37C957FR Datasheet(PDF) 21 Page - SMSC Corporation

Part # 37C957FR
Description  ULTRA I/O CONTROLLER FOR PORTABLE APPLICATIONS
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

37C957FR Datasheet(HTML) 21 Page - SMSC Corporation

Back Button 37C957FR Datasheet HTML 17Page - SMSC Corporation 37C957FR Datasheet HTML 18Page - SMSC Corporation 37C957FR Datasheet HTML 19Page - SMSC Corporation 37C957FR Datasheet HTML 20Page - SMSC Corporation 37C957FR Datasheet HTML 21Page - SMSC Corporation 37C957FR Datasheet HTML 22Page - SMSC Corporation 37C957FR Datasheet HTML 23Page - SMSC Corporation 37C957FR Datasheet HTML 24Page - SMSC Corporation 37C957FR Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 328 page
background image
15
Buffer Type Descriptions
I
Input, TTL compatible.
IS
Input with Schmitt trigger
ISP
Input with Schmitt trigger, 90uA pull-up.
ICLK
Input to crystal oscillator circuit (CMOS levels)
ICLK2
Crystal input
OCLK2
Output to external crystal
O4
Output, 4mA sink, 2mA source.
O8
Output, 8mA sink, 4mA source.
OD8
Open Drain Output, 8mA sink.
O8SR
Output, 8mA sink, 4mA source with Slew Rate Limiting
O16
Output, 16mA sink, 8mA source.
OD16
Open Drain Output, 16mA sink.
O24
Output, 24mA sink, 12mA source.
OD24
Output, 9Open Drain, 24mA sink.
OD48
Output, Open Drain, 48mA sink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com