Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

37C957FR Datasheet(PDF) 76 Page - SMSC Corporation

Part # 37C957FR
Description  ULTRA I/O CONTROLLER FOR PORTABLE APPLICATIONS
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

37C957FR Datasheet(HTML) 76 Page - SMSC Corporation

Back Button 37C957FR Datasheet HTML 72Page - SMSC Corporation 37C957FR Datasheet HTML 73Page - SMSC Corporation 37C957FR Datasheet HTML 74Page - SMSC Corporation 37C957FR Datasheet HTML 75Page - SMSC Corporation 37C957FR Datasheet HTML 76Page - SMSC Corporation 37C957FR Datasheet HTML 77Page - SMSC Corporation 37C957FR Datasheet HTML 78Page - SMSC Corporation 37C957FR Datasheet HTML 79Page - SMSC Corporation 37C957FR Datasheet HTML 80Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 328 page
background image
70
The Write Data command operates in much the same manner as the Read Data command. The
following items are the same. Please refer to the Read Data Command for details:
•
Transfer Capacity
•
EN (End of Cylinder) bit
•
ND (No Data) bit
•
Head Load, Unload Time Interval
•
ID information when the host terminates the command
•
Definition of DTL when N = 0 and when N does not = 0
Write Deleted Data
This command is almost the same as the Write Data command except that a Deleted Data Address
Mark is written at the beginning of the Data Field instead of the normal Data Address Mark. This
command is typically used to mark a bad sector containing an error on the floppy disk.
Verify
The Verify command is used to verify the data stored on a disk. This command acts exactly like a
Read Data command except that no data is transferred to the host. Data is read from the disk and
CRC is computed and checked against the previously-stored value.
Because data is not transferred to the host, TC (pin 89) cannot be used to terminate this command.
By setting the EC bit to "1", an implicit TC will be issued to the FDC. This implicit TC will occur
when the SC value has decremented to 0 (an SC value of 0 will verify 256 sectors). This command
can also be terminated by setting the EC bit to "0" and the EOT value equal to the final sector to be
checked. If EC is set to "0", DTL/SC should be programmed to 0FFH. Refer to Table 30 and Table
31 for information concerning the values of MT and EC versus SC and EOT value.
Definitions:
# Sectors Per Side = Number of formatted sectors per each side of the disk.
# Sectors Remaining = Number of formatted sectors left which can be read, including side 1 of the
disk if MT is set to "1".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com