Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP1040LETL Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KP1040LETL
Description  16PIN PHOTOTRANSISTOR PHOTOCOUPLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP1040LETL Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KP1040LETL Datasheet HTML 1Page - COSMO  Electronics Corporation KP1040LETL Datasheet HTML 2Page - COSMO  Electronics Corporation KP1040LETL Datasheet HTML 3Page - COSMO  Electronics Corporation KP1040LETL Datasheet HTML 4Page - COSMO  Electronics Corporation KP1040LETL Datasheet HTML 5Page - COSMO  Electronics Corporation KP1040LETL Datasheet HTML 6Page - COSMO  Electronics Corporation KP1040LETL Datasheet HTML 7Page - COSMO  Electronics Corporation KP1040LETL Datasheet HTML 8Page - COSMO  Electronics Corporation KP1040LETL Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P03001.2
- 1 -
http://www.cosmo-ic.com
cosmo
KP1040 Series
16PIN PHOTOTRANSISTOR
PHOTOCOUPLER
Description
The KP1040 series consist of an infrared emitting
diode, optically coupled to a phototransistor detector. They
are packaged in a 16-pin DIP package and available in
wide-lead spacing and SMD option.
Schematic
14
13
15
16
3
4
2
1
10
9
11
12
7
8
6
5
1、3、5、7 Anode
2、4、6、8 Cathode
9、11、13、15 Emitter
10、12、14、16 Collector
Features
1.
Current transfer ratio
( CTR:Min. 50% at IF=5mA VCE=5V )
2.
High isolation voltage between input and output
( Viso:5000Vrms )
3.
Pb free and RoHS compliant.
4.
MSL class 1
5.
Agency Approvals:
• UL Approved (No. E169586): UL1577
• c-UL Approved (No. E169586)
• VDE Approved (No. 101347): DIN EN60747-5-5
• FIMKO Approved: EN60065, EN60950, EN60335
• SEMKO Approved: EN60065, EN60950, EN60335
Applications
• System appliances
• Measuring instruments
• Computer terminals
• Programmable controllers
• Medical instruments
• Physical and chemical equipment
• Signal transmission between circuits of different potentials and impedances


Similar Part No. - KP1040LETL

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP1040 COSMO-KP1040 Datasheet
330Kb / 2P
High Reliability Photo Coupler
KP1040E COSMO-KP1040E Datasheet
330Kb / 2P
High Reliability Photo Coupler
KP1040F COSMO-KP1040F Datasheet
330Kb / 2P
High Reliability Photo Coupler
KP1040S COSMO-KP1040S Datasheet
99Kb / 6P
PRODUCT SPECIFICATION
KP1040 COSMO-KP1040_10 Datasheet
125Kb / 6P
PRODUCT SPECIFICATION
More results

Similar Description - KP1040LETL

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
DIP 16pin (4-channel) General Purpose Photocoupler
logo
COSMO Electronics Corp...
KPC845 COSMO-KPC845 Datasheet
283Kb / 11P
16PIN PHOTODARLINGTON PHOTOCOUPLER
KP4040 COSMO-KP4040 Datasheet
283Kb / 11P
16PIN PHOTODARLINGTON PHOTOCOUPLER
KP3040 COSMO-KP3040 Datasheet
242Kb / 11P
16PIN PHOTOTRANSISTOR PHOTOCOUPLER
logo
Sharp Corporation
PC847X7J000F SHARP-PC847X7J000F Datasheet
230Kb / 13P
DIP 16pin (4-channel) General Purpose Photocoupler
PC844X SHARP-PC844X Datasheet
212Kb / 12P
DIP 16pin (4-channel) AC Input Photocoupler
logo
COSMO Electronics Corp...
KP3040 COSMO-KP3040_15 Datasheet
318Kb / 11P
16PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP4040 COSMO-KP4040_15 Datasheet
304Kb / 11P
16PIN PHOTODARLINGTON PHOTOCOUPLER
KPC845 COSMO-KPC845_15 Datasheet
311Kb / 11P
16PIN PHOTODARLINGTON PHOTOCOUPLER
logo
List of Unclassifed Man...
DPC-817C ETC-DPC-817C Datasheet
861Kb / 5P
PHOTOTRANSISTOR / PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com