Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP1040LETL Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KP1040LETL
Description  16PIN PHOTOTRANSISTOR PHOTOCOUPLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP1040LETL Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KP1040LETL Datasheet HTML 1Page - COSMO  Electronics Corporation KP1040LETL Datasheet HTML 2Page - COSMO  Electronics Corporation KP1040LETL Datasheet HTML 3Page - COSMO  Electronics Corporation KP1040LETL Datasheet HTML 4Page - COSMO  Electronics Corporation KP1040LETL Datasheet HTML 5Page - COSMO  Electronics Corporation KP1040LETL Datasheet HTML 6Page - COSMO  Electronics Corporation KP1040LETL Datasheet HTML 7Page - COSMO  Electronics Corporation KP1040LETL Datasheet HTML 8Page - COSMO  Electronics Corporation KP1040LETL Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P03001.2
- 4 -
http://www.cosmo-ic.com
cosmo
KP1040 Series
16PIN PHOTOTRANSISTOR
PHOTOCOUPLER
Classification table of current
transfer ratio is shown below.
KP1040 Model No.
CTR ( % )
KP1040 E
50 ~ 600
Fig.1 Current Transfer Ratio
vs. Forward Current
1
2
5
20
50
0
50
100
150
200
250
300
350
400
450
500
Ta=25℃
0
10
V =5V
0.5
CE
Forward Current IF (mA)
Fig.2 Collector Power Dissipation
vs. Ambient Temperature
Fig.3 Collector Dark Current
vs. Ambient Temperature
25
0
-55
50
0
100
125
75
50
200
150
250
115
-8
10
-55
0
25
10
-11
10
-10
-9
10
V =20V
10
-7
10
-6
10
-5
75
50
115
CE
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.4 Forward Current
vs. Ambient Temperature
Fig.5 Forward Current
vs. Forward Voltage
60
10
-55
0
20
0
25
30
40
50
50
75
115 125
5 00
1 .8
-2 5°
1 .6
1 .2
1 .0
1 .4
2 0
2
5
1 0
5 0 °
T a =7 5 °
C
5 0
1 00
2 00
C
2 .4
2.0
2 .2
C
C
2 5 °
C
0 °
1
Ambient Temperature Ta (℃)
Forward Voltage VF (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com