Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP1510HTLD Datasheet(PDF) 8 Page - COSMO Electronics Corporation

Part # KP1510HTLD
Description  8PIN IGBT GATE DRIVE PHOTOCOUPLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP1510HTLD Datasheet(HTML) 8 Page - COSMO Electronics Corporation

Back Button KP1510HTLD Datasheet HTML 4Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 5Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 6Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 7Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 8Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 9Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 10Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 11Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 12Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Cosmo Electronics Corp.
Document No. 69P51006.2
- 8 -
http://www.cosmo-ic.com
cosmo
KP1510 Series
8PIN IGBT GATE DRIVE
PHOTOCOUPLER
Fig.13 IOPH Measure
Fig.14 VOL Measure
4
3
2
1
5
6
7
8
C1
0.1uF
C2
47uF
+
C3
0.1uF
C4
47uF
+
Ioh
VOH
VCC =15V to 30V
+
V
+
I
A
F
4
3
2
1
5
6
7
8
0.1uF
VCC = 15V to 30V
+
VO
100mA
Fig.15 VOH Measure
4
3
2
1
5
6
7
8
C1
0.1uF
VCC = 15V to
30V
+
VO
100mA
I =7 to
16mA
F
Fig.16 tpLH, tpHL, tr, tf,Measure
4
3
2
1
5
6
7
8
0.1uF
VCC = 15V to 30V
+
VO
F = 10KHz
Duty Cycle
= 50%
+
-
Cg=10nF
Rg=10Ω
tr
IF
VOUT
tPLH
tPHL
tf
90%
50%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com