Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP1510HTLD Datasheet(PDF) 9 Page - COSMO Electronics Corporation

Part # KP1510HTLD
Description  8PIN IGBT GATE DRIVE PHOTOCOUPLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP1510HTLD Datasheet(HTML) 9 Page - COSMO Electronics Corporation

Back Button KP1510HTLD Datasheet HTML 5Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 6Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 7Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 8Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 9Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 10Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 11Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 12Page - COSMO  Electronics Corporation KP1510HTLD Datasheet HTML 13Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Cosmo Electronics Corp.
Document No. 69P51006.2
- 9 -
http://www.cosmo-ic.com
cosmo
KP1510 Series
8PIN IGBT GATE DRIVE
PHOTOCOUPLER
Fig.17 CMH, CML,Measure
4
3
2
1
5
6
7
8
0.1uF
V CC = 3 0V
+
VO
5 V
+
-
+ -
B
A
△ t
V CM
0V
VO
VO
V OH
V OL
Sw itch a t A : IF= 10 m A
Sw itch a t B : IF= 0 m A
IF
VC M =1 500
*CML(CMH) is the maximum rate of rise (fall) of the common mode voltage that can be sustained with the output
voltage in the low (high) state.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com