Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSW2051-205-R Datasheet(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Part # MSW2051-205-R
Description  SP2T PIN Diode Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MSW2051-205-R Datasheet(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

Back Button MSW2051-205-R Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MSW2051-205-R Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MSW2051-205-R Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MSW2051-205-R Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MSW2051-205-R Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MSW2051-205-R Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MSW2051-205-R Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MSW2051-205-R Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MSW2051-205-R Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SP2T PIN Diode Switch
Rev. V1
MSW205x-205
8
8
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DS-xxxxxxx
8
Transmit State
In the TX state, the series PIN diode between the
ANT and TX ports is forward biased by applying 0 V
to the TX bias input port (pin 1 of multi-pin connector
P1). The magnitude of the resultant bias current
through the diode is primarily determined by the
voltage applied to the ANT bias port (pin 3 of J1),
the magnitude of the forward voltage across the PIN
diode and the resistance of R1. This current is
nominally 100 mA. At the same time, the PIN diode
connected between RX and DC ports is also forward
biased by applying a higher bias voltage, nominally
28 V, to the RX bias port (pin 7 of P1) and 0 V to the
DC bias port (pin 5 of P1). Under this condition, the
PIN diode connected between the ANT and RX port
is reverse biased and the PIN diode connected
between the RX and DC ports is forward biased.
The magnitude of the bias current through this diode
is primarily determined by the voltage applied to the
RX bias port, the magnitude of the forward voltage
across the PIN diode and the resistance of R2. This
current is nominally 25 mA.
The RX series PIN diode, which is connected
between the ANT and RX ports, must be reverse
biased during the transmit state. The reverse bias
voltage must be sufficiently large to maintain the
diode in its non-conducting, high impedance state
when large RF signal voltage may be present in the
ANT-to-TX path. The reverse voltage across this
diode is the arithmetic difference of the bias voltage
applied to the RX bias port and the DC forward
voltage of the forward-biased transmit series PIN
diode.
The minimum voltage required to maintain the series
diode on the RX side of the switch out of conduction
is a function of the magnitude of the RF voltage pre-
sent, the standing wave present at the RX series
diode’s anode, the frequency of the RF signal and
the characteristics of the RX series diode, among
other factors. Minimum control voltages for several
signal frequencies are shown in the table “Minimum
Reverse Bias Voltage”, assuming the input power to
the RX or ANT port to be 100 W CW and the VSWR
on the ANT-TX path to be 1.5:1. It is important to
note that the evaluation board, as supplied from the
factory, is not capable of handling RF input signals
larger than 45 dBm. If performance of the switch
under larger input signals is to be evaluated, an ade-
quate heat sink must be properly attached to the
evaluation board, and several of the passive compo-
nents on the board must be changed in order to
safely handle the dissipated power as well as the
high bias voltage necessary for proper performance.
Contact the factory for recommended components
and heat sink.
Receive State
In the RX state, the series PIN diode between the
ANT and RX ports is forward biased by applying 0 V
to the RX bias input port (pin 7 of multi-pin connector
P1). The magnitude of the resultant bias current
through the diode is primarily determined by the
voltage applied to the ANT bias port (pin 3 of P1),
the magnitude of the forward voltage across the PIN
diode and the resistance of R1. This current is
nominally 100 mA. At the same time, the PIN diode
connected between RX and DC ports is reverse
biased by applying a high bias voltage, nominally 28
V, to the DC bias port (pin 5 of P1). A high voltage,
nominally 28 V, is also applied to the TX bias port
(pin 1 of P1). Under this condition, the PIN diode
connected between the ANT and TX port is reverse
biased thus isolating the TX RF port from the RX
signal path. The reverse voltage across this diode is
the arithmetic difference of the bias voltage applied
to the TX bias port and the DC forward voltage of
the forward-biased receive series PIN diode. The
minimum voltage required to maintain the series
diode on the TX side of the switch out of conduction
is a function of the magnitude of the RF voltage
present, the standing wave present at the RX series
diode’s anode, the frequency of the RF signal and
the characteristics of the TX series diode, among
other factors. For typical receive-level signals, this
diode is held out of conduction with a relatively small
reverse bias voltage.
The values of the reactive components which
comprise the bias decoupling networks as well as
the signal path DC blocking are shown in the table
RF Bias Network Component Values.
Reference Path
A reference path is provided on the evaluation
board, complete with bias decoupling networks, so
that the magnitude of the insertion loss of the micro-
strip transmission lines connected to the switch and
the associated bias decoupling components can be
measured and
removed from
the measured
performance of the switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com