Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSW2051-205-R Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MSW2051-205-R
Description  SP2T PIN Diode Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MSW2051-205-R Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MSW2051-205-R Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MSW2051-205-R Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MSW2051-205-R Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MSW2051-205-R Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MSW2051-205-R Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MSW2051-205-R Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MSW2051-205-R Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MSW2051-205-R Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MSW2051-205-R Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SP2T PIN Diode Switch
Rev. V1
MSW205x-205
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DS-xxxxxxx
1
Features
 Wide Frequency Range: 50 MHz to 4 GHz, in 2
bands
 Surface Mount SP2T Switch in Compact Outline:
8 mm L x 5 mm W x 2.5 mm H
 Higher Average Power Handling than Plastic
Packaged
 MMIC Switches: 158 W CW
 High RF Peak Power: 630 W
 Low Insertion Loss: 0.25 dB
 High IIP3: 65 dBm
 Operates From Positive Voltage Only: 5 V & 28 V
to 125 V
 Ultra-Thin Termination Plating to Combat
Embrittlement
 RoHS* Compliant
Description
The MSW2050-205 (50 MHz - 1 GHz) and
MSW2051-205 (400 MHz - 4 GHz) series of surface
mount silicon PIN diode SP2T switches can be used
for high power transmit/receive (TR) switching or
active receiver protection. These switches are
manufactured using a proven hybrid manufacturing
process incorporating high voltage PIN diodes and
passive devices integrated on a ceramic substrate.
These
low
profile,
compact,
surface
mount
components offer superior small and large signal
performance compared to that of MMIC devices in
QFN packages. The SP2T switches are designed in
an asymmetrical topology to minimize Tx-Ant loss
and maximize Tx-Rx isolation performance. The very
low thermal resistance (<15ºC/W) of the PIN diodes
in these devices enables them to reliably handle RF
incident power levels of 50 dBm CW and RF peak
incident power levels of 58 dBm in cold switching
applications at TA = 25ºC. The low PIN diode series
resistance (<1.0 Ω), coupled with their long minority
carrier lifetime, (>1.5 µs), provides input third order
intercept point (IIP3) greater than 65 dBm.
These
MSW2050-205,
MSW2051-205
SP2T
switches are designed to be used in high average
and peak power switch applications, operating from
50 MHz to 4 GHz in two bands, which utilize high
volume,
surface
mount,
solder
re-flow
manufacturing. These products are durable and
capable of reliably operating in military, commercial,
and industrial environments.
Ordering Information
Part Number
Package
MSW2050-205-T
tube
MSW2050-205-R
250 or 500 piece reel
MSW2050-205-W
Waffle pack
MSW2051-205-T
tube
MSW2051-205-R
250 or 500 piece reel
MSW2051-205-W
Waffle pack
MSW2050-205-E
RF evaluation board
MSW2051-205-E
RF evaluation board
CS205
* Restrictions on Hazardous Substances,
European Union Directive 2011/65/EU.
Functional Schematic


Similar Part No. - MSW2051-205-R

ManufacturerPart #DatasheetDescription
logo
Altech corporation
MSW20 ALTECH-MSW20 Datasheet
774Kb / 8P
MS016
logo
M/A-COM Technology Solu...
MSW2000-200 MA-COM-MSW2000-200 Datasheet
1Mb / 15P
SP2T PIN Diode Switch
MSW2000-200-E MA-COM-MSW2000-200-E Datasheet
1Mb / 15P
SP2T PIN Diode Switch
MSW2000-200-R MA-COM-MSW2000-200-R Datasheet
1Mb / 15P
SP2T PIN Diode Switch
MSW2000-200-T MA-COM-MSW2000-200-T Datasheet
1Mb / 15P
SP2T PIN Diode Switch
More results

Similar Description - MSW2051-205-R

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CDS0667 DAICO-CDS0667 Datasheet
155Kb / 1P
PIN Diode SP2T
CDS0912 DAICO-CDS0912 Datasheet
163Kb / 1P
PIN Diode SP2T
CDS0979 DAICO-CDS0979 Datasheet
144Kb / 1P
PIN Diode SP2T
DS0880 DAICO-DS0880 Datasheet
152Kb / 1P
PIN Diode SP2T
logo
Tyco Electronics
MA4AGSW2 MACOM-MA4AGSW2 Datasheet
233Kb / 6P
AlGaAs SP2T PIN Diode Switch
logo
M/A-COM Technology Solu...
MSW200X-200 MA-COM-MSW200X-200 Datasheet
1Mb / 15P
SP2T PIN Diode Switch
MSW201X-201 MA-COM-MSW201X-201 Datasheet
1Mb / 12P
SP2T PIN Diode Switch
MSW203X-203 MA-COM-MSW203X-203 Datasheet
1Mb / 18P
SP2T Limiter PIN Diode Switch
MSW204X-204 MA-COM-MSW204X-204 Datasheet
1Mb / 12P
SP2T PIN Diode Switch
MSWLM2420-242 MA-COM-MSWLM2420-242 Datasheet
936Kb / 12P
SP2T Limiter PIN Diode Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com