Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS34727 Datasheet(PDF) 13 Page - ams AG

Part # TCS34727
Description  Red, Green, Blue (RGB), and Clear Light
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS34727 Datasheet(HTML) 13 Page - ams AG

Back Button TCS34727 Datasheet HTML 9Page - ams AG TCS34727 Datasheet HTML 10Page - ams AG TCS34727 Datasheet HTML 11Page - ams AG TCS34727 Datasheet HTML 12Page - ams AG TCS34727 Datasheet HTML 13Page - ams AG TCS34727 Datasheet HTML 14Page - ams AG TCS34727 Datasheet HTML 15Page - ams AG TCS34727 Datasheet HTML 16Page - ams AG TCS34727 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
ams Datasheet
Page 13
[v1-02] 2016-Feb-08
Document Feedback
TCS3472 − Principles of Operation
System States
An internal state machine provides system control of the RGBC
and power management features of the device. At power up,
an internal power-on-reset initializes the device and puts it in
a low-power Sleep state.
When a start condition is detected on the I²C bus, the device
transitions to the Idle state where it checks the Enable Register
(0x00) PON bit. If PON is disabled, the device will return to the
Sleep state to save power. Otherwise, the device will remain in
the Idle state until the RGBC function is enabled (AEN). Once
enabled, the device will execute the Wait and RGBC states in
sequence as indicated in Figure 16. Upon completion and
return to Idle, the device will automatically begin a new
Wait-RGBC cycle as long as PON and AEN remain enabled.
Figure 17:
Simplified State Diagram
Principles of Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com