Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS34727 Datasheet(PDF) 2 Page - ams AG

Part # TCS34727
Description  Red, Green, Blue (RGB), and Clear Light
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS34727 Datasheet(HTML) 2 Page - ams AG

  TCS34727 Datasheet HTML 1Page - ams AG TCS34727 Datasheet HTML 2Page - ams AG TCS34727 Datasheet HTML 3Page - ams AG TCS34727 Datasheet HTML 4Page - ams AG TCS34727 Datasheet HTML 5Page - ams AG TCS34727 Datasheet HTML 6Page - ams AG TCS34727 Datasheet HTML 7Page - ams AG TCS34727 Datasheet HTML 8Page - ams AG TCS34727 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-02] 2016-Feb-08
TCS3472 − General Description
Applications
The applications of TCS3472 include:
• RGB LED backlight control
• Light color temperature measurement
• Ambient light sensing for display backlight control
• Fluid and gas analysis
• Product color verification and sorting
End Products and Market Segments
• TVs, mobile handsets, tablets, computers, and monitors
• Consumer and commercial printing
• Medical and health fitness
• Solid state lighting (SSL) and digital signage
• Industrial automation
• Enabling a low-power wait-state between
RGBC measurements to reduce average
power consumption
• Power management
• Low power - 2.5
μA sleep state
• 65
μA wait state with programmable wait state time from
2.4ms to > 7 seconds
• Digital interfaces are less susceptible to
noise
• I²C fast mode compatible interface
• Data rates up to 400 kbit/s
• Input voltage levels compatible with VDD or 1.8 VBUS
• Backward compatibility enables
interchangeability and re-usability in
systems
• Register set and pin compatible with the TCS3x71 series
• Reduces PCB space requirements while
simplifying designs
• Small 2mm x 2.4mm dual flat no-lead
• FN package
Benefits
Features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com