Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3677 Datasheet(PDF) 1 Page - ams AG

Part # AS3677
Description  High-efficiency step up DC/DC converter
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 1 Page - ams AG

  AS3677_17 Datasheet HTML 1Page - ams AG AS3677_17 Datasheet HTML 2Page - ams AG AS3677_17 Datasheet HTML 3Page - ams AG AS3677_17 Datasheet HTML 4Page - ams AG AS3677_17 Datasheet HTML 5Page - ams AG AS3677_17 Datasheet HTML 6Page - ams AG AS3677_17 Datasheet HTML 7Page - ams AG AS3677_17 Datasheet HTML 8Page - ams AG AS3677_17 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 106 page
background image
ams Datasheet
Page 1
[v1-32] 2016-Sep-27
Document Feedback
AS3677
Highly Integrated Lighting
Management Unit
The AS3677 is a highly-integrated CMOS power and lighting
management unit for mobile telephones, and other Li+ battery
powered devices.
The AS3677 incorporates one step up DC/DC converter for
white backlight LEDs, one analog-to-digital converter, RGB
driver, six current sinks, LED in-circuit function test, an I²C serial
interface, and control logic all onto a single device. It includes
a charge pump to control e.g. an RGB together with an internal
pattern generator for smooth blinking effects.
It supports ambient light sensor (ALS) processing and two
Dynamic Luminance Scaling (DLS) inputs (also called Dynamic
Backlight Control - DBC).
Internally the PWM signal for DLS can be used to change the
analog current through the current sources (two channels can
be used simultaneously). This avoids noise in the system as the
changes of backlight control happen continuously without
using the PWM modulation scheme.
Output voltages and output currents are fully programmable.
The AS3677 is part of the ams AS3675, AS3687/87XM, AS3688
and AS3689 lighting management unit family. It is software
compatible to AS3675, AS3676, AS3687/87XM, AS3688 and
AS3689.
The AS3677 is available in a space-saving WL-CSP package
measuring only 2.2
×2.2×0.6mm and operates over the
-30°C to 85°C temperature range.
Ordering Information and Content Guide appear at end of
datasheet.
General Description


Similar Part No. - AS3677_17

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3677-ZWLT AMSCO-AS3677-ZWLT Datasheet
4Mb / 68P
Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
More results

Similar Description - AS3677_17

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1628 SEMTECH-SC1628 Datasheet
121Kb / 4P
HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
High Efficiency Step Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
High Efficiency Synchronous Step-Up DC/DC Converter
February 3, 2010
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Unisonic Technologies
UC3500 UTC-UC3500_15 Datasheet
418Kb / 10P
HIGH EFFICIENCY VFMCONTROLLED STEP-UP DC/DC CONVERTER
logo
ELM Electronics
ELM621LA ELM-ELM621LA Datasheet
527Kb / 9P
High efficiency 30V step up DC/DC converter
logo
ams AG
AS1345 AMSCO-AS1345 Datasheet
517Kb / 29P
18V, High Efficiency, DC-DC Step-Up Converter
logo
ELM Technology Corporat...
ELM93 ELM-TECH-ELM93 Datasheet
1Mb / 8P
High efficiency PFM step-up DC/DC converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
High Efficiency, Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com