Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7221 Datasheet(PDF) 7 Page - ams AG

Part # AS7221
Description  Calibrated XYZ tri-stimulus color sensing for direct translation to CIE 1931/1976 standard observer color MAPS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7221 Datasheet(HTML) 7 Page - ams AG

Back Button AS7221 Datasheet HTML 3Page - ams AG AS7221 Datasheet HTML 4Page - ams AG AS7221 Datasheet HTML 5Page - ams AG AS7221 Datasheet HTML 6Page - ams AG AS7221 Datasheet HTML 7Page - ams AG AS7221 Datasheet HTML 8Page - ams AG AS7221 Datasheet HTML 9Page - ams AG AS7221 Datasheet HTML 10Page - ams AG AS7221 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
ams Datasheet
Page 7
[v1-01] 2016-Dec-08
Document Feedback
AS7221 − Electrical Characteristics
All limits are guaranteed with VDD = 3.3V, VDDHV = 12V,
TAMB = 25ºC. The parameters with min and max values are
guaranteed with production tests or SQC (Statistical Quality
Control) methods. If VDD and VDDHV are to be the same
voltage, they must be sourced by the same 2.97-3.6V supply.
Figure 6:
Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
General Operating Conditions
VDD
Low Voltage Operating
Supply
2.97
3.3
3.6
V
VDDHV
High Voltage Operating
Supply
VDD
12
15
V
TAMB
Operating Temperature
-40
25
85
°C
IVDD
Operating Current
5
mA
Internal RC Oscillator
FOSC
Internal RC Oscillator
Frequency
15.7
16
16.3
MHz
tJITTER
(1)
Jitter
@25°C
1.2
ns
0-10V Output (0_10V_O pin)
ROUT_10
Resistive Load
1
IS_10
Source Current
10
mA
ISINK_10
Sink Current
-10
mA
ILEAK_HV
HV Output Leakage Current
VIN=12V, DAC &
PWM1 both
disabled
0.73
1.6
mA
CLOAD_10
Capacitive Load
100
pF
VOUT_10
(2)
Output Swing
010
V
0-10V Input
RIN_HV
Analog Input Resistance
VDDHV ≥ 12V
138
200
315
Temperature Sensor
DTEMP
Absolute Accuracy of the
Temperature Measurement
-8.5
8.5
°C
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com