Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7221 Datasheet(PDF) 13 Page - ams AG

Part # AS7221
Description  Calibrated XYZ tri-stimulus color sensing for direct translation to CIE 1931/1976 standard observer color MAPS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7221 Datasheet(HTML) 13 Page - ams AG

Back Button AS7221 Datasheet HTML 9Page - ams AG AS7221 Datasheet HTML 10Page - ams AG AS7221 Datasheet HTML 11Page - ams AG AS7221 Datasheet HTML 12Page - ams AG AS7221 Datasheet HTML 13Page - ams AG AS7221 Datasheet HTML 14Page - ams AG AS7221 Datasheet HTML 15Page - ams AG AS7221 Datasheet HTML 16Page - ams AG AS7221 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
ams Datasheet
Page 13
[v1-01] 2016-Dec-08
Document Feedback
AS7221 − Detailed Description
AS7221 Smart Lighting Manager - Overview
The Cognitive Light Engine (CLE) is the “brains” of the Smart
Lighting Manager. The CLE constantly processes information
from the calibrated XYZ chromatic white/color sensor, network
access and inputs while controlling outputs. AS7221 initial
setup and ongoing parameter storage is automatically done by
software within the required external serial flash memory, via
SPI bus.
A luminaire solution for chromatic white/color maintenance
with lumen maintenance requires only the AS7221. A luminaire
solution with chromatic white color/maintenance, lumen
maintenance and daylighting requires just the addition of an
ams TSL4531 single chip ambient light sensor, connected via
I²C. Refer to the table in the Figure below.
Overall AS7221 timing generation uses an on chip 16MHz
temperature compensated oscillator for master clock timing.
Refer to the separate AS7221 User Guide as well as the ams
Smart Lighting Command Set document for additional usage
and setup information.
Figure 15:
AS7221 Solution Chart
Solution Required
Device Orientation
(from luminaire light source)
Chromatic Color
Maintenance
Lumen
Maintenance
Daylighting
AS7221
TSL4531
(optional)
√√
×
(into luminaire)
×
(not required)
√√
(into luminaire)
(into room)
Detailed Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com