Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLE112 Datasheet(PDF) 19 Page - Silicon Laboratories

Part # BLE112
Description  Heart rate sensors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE112 Datasheet(HTML) 19 Page - Silicon Laboratories

Back Button BLE112 Datasheet HTML 15Page - Silicon Laboratories BLE112 Datasheet HTML 16Page - Silicon Laboratories BLE112 Datasheet HTML 17Page - Silicon Laboratories BLE112 Datasheet HTML 18Page - Silicon Laboratories BLE112 Datasheet HTML 19Page - Silicon Laboratories BLE112 Datasheet HTML 20Page - Silicon Laboratories BLE112 Datasheet HTML 21Page - Silicon Laboratories BLE112 Datasheet HTML 22Page - Silicon Laboratories BLE112 Datasheet HTML 23Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Bluegiga Technologies Oy
Page 19 of 34
5 Design Guidelines
5.1 General Design Guidelines
BLE112 can be used directly with a coin cell battery. Due to relatively high internal resistance of a coin cell
battery it is recommended to place a 100uF capacitor in parallel with the battery. The internal resistance of a
coin cell battery is initially in the range of 10 ohms but the resistance increases rapidly as the capacity is used.
Basically the higher the value of the capacitor the higher is the effective capacity of the battery and thus the
longer the life time for the application. The minimum value for the capacitor depends on the end application
and the maximum transmit power used. The leakage current of a 100uF capacitor is in the range of 0.5 uA to
3 uA and generally ceramic capacitors have lower leakage current than tantalum or aluminum electrolytic
capacitors.
Optionally TI’s TPS62730 can be used to reduce the current consumption during TX/RX and data processing
stages. TPS62730 is an ultra low power DC/DC converter with by-pass mode and will reduce the current
consumption during transmission nominally by ~20% when using 3V coin cell battery.
A ferrite bead is recommended to be used to filter any excessive noise in the power supply lines to guarantee
the radio performance.
-
PR A
BLE112 Evaluation Board
-
1 2 .0 4 .2 0 1 1
-
-C1.0
1 3
REV:
SIZE:
CODE:
DRAWN:DATED:
DATED:
CHECKED:
QUAL ITY CONTROL :DATED:
DATED:
REL EASED:
COM PANY:
TITL E:
DRAWING NO:
SHEET:
OF
SCAL E:
REVISION RECORD
APPROVED:
ECO NO:
L TR
DATE:
1
2
3
4
5
6
D
C
B
A
C
D
B
A
OPTIONAL DC/DC
PROGRAMMING INTERFACE
1
2
U4
BATTERYHOLDER_SMD_CR2032
C1 5
1 0 0 u F/6 .3 V/X5 R
1
STAT
2
SW
3
VIN
5
ON/BYP
6
VOUT
U5
TPS62730
C1 0
2 .2 u F/1 0 V/X5 R
C1 1
2 .2 u F/1 0 V/X5 R
L 1
2 .2
µH± 2 0 % , 1 30 m A, 0 .43 o h m
1
GND
2
AVDD
3
AVDD
4
P2_2
5
P2_1
6
P2_0
7
P1_7
8
P1_6
9
DVDD_USB
10
GND
11
USB+
12
USB-
13
P1_5
22
P0_6
23
P0_5
24
P0_4
25
P0_3
26
P0_2
27
P0_1
28
P0_0
29
RESET
30
GND
M OD2
BLE112-A
1
3
5
2
4
6
7 8
9 1 0
J 1
HEADER_ 2 X5 _ SM D_ 1 .2 7 M M
C3
1 u F/1 6 V/X5 R
C5
1 u F/1 6 V/X5 R
C6
1 u F/1 6 V/X5 R
P1 _ 7 /DCDC
VBAT
P2 _ 2
2 V...3 V3 _ SW
P2 _ 1
RESET_ N
RESET_ N
P2 _ 2
P2 _ 1
P1 _ 7 /DCDC
Figure 13: Example schematic for BLE112 with a coin cell battery
12.04.2011
--
-
BLE112 Evaluation Board
P R A
C-1.0
23
REV:
SI ZE:
CO DE:
DRAWN: DATED:
DATED:
CHECKED:
Q UALI TY CO NTRO L: DATED:
DATED:
RELEASED:
CO MPANY:
TI TLE:
DRAWI NG NO :
SHEET:
O F
SCALE:
REVI SI O N RECO RD
APPRO VED:
ECO NO :
LTR
DATE:
1
2
3
4
5
6
D
C
B
A
C
D
B
A
1
VBUS
2
D-
3
D+
4
NC
5
G ND
J10
CO N- MI NI USB- SO CKET- SMD
3
VI N
2
VO UT
P1
MCP1700T- 3302E/ T
L4
FB 1kohm
1
2
R13
33R, 50V, 0. 063W
1
2
R14
33R, 50V, 0. 063W
R15
1. 5K, 50V, 0. 063W
C127
47pF/ 50V/ C0G
C128
47pF/ 50V/ C0G
1
G ND
2
AVDD
3
AVDD
4
P2_2
5
P2_1
6
P2_0
7
P1_7
8
P1_6
9
DVDD_USB
10
G ND
11
USB+
12
USB-
13
P1_5
22
P0_6
23
P0_5
24
P0_4
25
P0_3
26
P0_2
27
P0_1
28
P0_0
29
RESET
30
G ND
MO D3
BLE112- A
C7
1uF/ 16V/ X5R
C8
1uF/ 16V/ X5R
C9
1uF/ 16V/ X5R
RESET
Figure 14: Example schematic for BLE112 with USB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com