Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLE112 Datasheet(PDF) 25 Page - Silicon Laboratories

Part # BLE112
Description  Heart rate sensors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE112 Datasheet(HTML) 25 Page - Silicon Laboratories

Back Button BLE112 Datasheet HTML 21Page - Silicon Laboratories BLE112 Datasheet HTML 22Page - Silicon Laboratories BLE112 Datasheet HTML 23Page - Silicon Laboratories BLE112 Datasheet HTML 24Page - Silicon Laboratories BLE112 Datasheet HTML 25Page - Silicon Laboratories BLE112 Datasheet HTML 26Page - Silicon Laboratories BLE112 Datasheet HTML 27Page - Silicon Laboratories BLE112 Datasheet HTML 28Page - Silicon Laboratories BLE112 Datasheet HTML 29Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
Bluegiga Technologies Oy
Page 25 of 34
7 Block diagram
BLE112 is based on TI’s CC2540 chip. Embedded 32 MHz and 32.678 kHz crystals are used for clock
generation. Matched balun and low pass filter provide optimal radio performance with extremely low spurious
emissions. Small ceramic chip antenna gives good radiation efficiency even when the module is used in
layouts with very limited space.
CC2540
I/O
32 MHz
XTAL
32.768
kHz XTAL
Clock
Debug interface
8051 CPU core and memory arbitrator
Voltage regulator
SRAM
Flash
Analog comparator
OPAMP
ADC
IRQ controller
DMA
USB
USART 0
USART 1
TIMER 1
TIMER 2
TIMER 3
TIMER 4
Radio arbiter
Radio registers
Link layer engine
SRAM
Modulator
Demodulator
Synth
Receive
Transmit
Frequency
synthetisizer
Balun +
LPF
Ant
Reset
Power-on reset
2V – 3.6V
Reset
Figure 21: Simplified block diagram of BLE112
CPU and Memory
The 8051 CPU core is a single-cycle 8051-compatible core. It has three different memory access buses (SFR,
DATA, and CODE/XDATA), a debug interface, and an 18-input extended interrupt unit.
The memory arbiter is at the heart of the system, as it connects the CPU and DMA controller with the physical
memories and all peripherals through the SFR bus. The memory arbiter has four memory-access points,
access of which can map to one of three physical memories: an SRAM, flash memory, and XREG/SFR
registers. It is responsible for performing arbitration and sequencing between simultaneous memory accesses
to the same physical memory.
The SFR bus is a common bus that connects all hardware peripherals to the memory arbiter. The SFR bus
also provides access to the radio registers in the radio register bank, even though these are indeed mapped
into XDATA memory space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com