Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2902D Datasheet(PDF) 6 Page - ON Semiconductor

Part # LM2902D
Description  Single Supply Quad Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2902D Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LM2902D Datasheet HTML 2Page - ON Semiconductor LM2902D Datasheet HTML 3Page - ON Semiconductor LM2902D Datasheet HTML 4Page - ON Semiconductor LM2902D Datasheet HTML 5Page - ON Semiconductor LM2902D Datasheet HTML 6Page - ON Semiconductor LM2902D Datasheet HTML 7Page - ON Semiconductor LM2902D Datasheet HTML 8Page - ON Semiconductor LM2902D Datasheet HTML 9Page - ON Semiconductor LM2902D Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LM324, LM324A, LM224, LM2902, LM2902V, NCV2902
http://onsemi.com
6
14
12
10
8.0
6.0
4.0
2.0
0
1.0
10
100
1000
f, FREQUENCY (kHz)
550
500
450
400
350
300
250
200
0
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
t, TIME (µs)
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
0
0
5.0
10
15
20
25
30
35
VCC, POWER SUPPLY VOLTAGE (V)
VCC, POWER SUPPLY VOLTAGE (V)
90
80
70
0
2.0
4.0
6.0
8.0
10
12
14
16
18
20
VCC = 30 V
VEE = Gnd
TA = 25°C
CL = 50 pF
Input
Output
18
16
14
12
10
8.0
6.0
4.0
2.0
0
20
0
2.0
4.0
6.0 8.0
10
12
14 16
18
20
± VCC/VEE, POWER SUPPLY VOLTAGES (V)
Positive
Negative
TA = 25°C
RL = R
RL = 2.0 kΩ
VCC = 15 V
VEE = Gnd
Gain = -100
RI = 1.0 kΩ
RF = 100 kΩ
Figure 4. Input Voltage Range
Figure 5. Open Loop Frequency
120
100
80
60
40
20
0
-20
1.0
10
100
1.0 k
10 k
100 k
1.0 M
f, FREQUENCY (Hz)
VCC = 15 V
VEE = Gnd
TA = 25°C
Figure 6. Large–Signal Frequency Response
Figure 7. Small–Signal Voltage Follower
Pulse Response (Noninverting)
Figure 8. Power Supply Current versus
Power Supply Voltage
Figure 9. Input Bias Current versus
Power Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com