Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2902D Datasheet(PDF) 7 Page - ON Semiconductor

Part # LM2902D
Description  Single Supply Quad Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2902D Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LM2902D Datasheet HTML 3Page - ON Semiconductor LM2902D Datasheet HTML 4Page - ON Semiconductor LM2902D Datasheet HTML 5Page - ON Semiconductor LM2902D Datasheet HTML 6Page - ON Semiconductor LM2902D Datasheet HTML 7Page - ON Semiconductor LM2902D Datasheet HTML 8Page - ON Semiconductor LM2902D Datasheet HTML 9Page - ON Semiconductor LM2902D Datasheet HTML 10Page - ON Semiconductor LM2902D Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LM324, LM324A, LM224, LM2902, LM2902V, NCV2902
http://onsemi.com
7
2
1
R1
TBP
R1 + R2
R1
R1 + R2
eo
e1
e2
eo = C (1 + a + b) (e2 - e1)
R1
a R1
b R1
R
-
+
+
-
-
+
R
+
-
R1
R2
VO
Vref
Vin
VOH
VO
VOL
VinL =
R1
(VOL - Vref) + Vref
VinH =
(VOH - Vref) + Vref
H = R1 + R2 (VOH - VOL)
R1
-
+
-
+
-
+
R
C
R2
R1
R3
C1
100 k
R
C
R
C1
R2
100 k
Vin
Vref
Vref
Vref
Vref
Bandpass
Output
fo = 2 π RC
R1 = QR
R2 =
R3 = TN R2
C1 = 10C
1
Notch Output
Vref =VCC
Hysteresis
1
C R
VinL VinH
Vref
Where:TBP =Center Frequency Gain
Where: TN =Passband Notch Gain
R = 160 kΩ
C = 0.001 µF
R1 = 1.6 MΩ
R2 = 1.6 MΩ
R3 = 1.6 MΩ
For:fo =1.0 kHz
For: Q= 10
For: TBP = 1
For: TN = 1
-
+
MC1403
1/4
LM324
-
+
R1
VCC
VCC
VO
2.5 V
R2
50 k
10 k
Vref
Vref = VCC
2
5.0 k
R
C
R
C
+
-
VO
2 π RC
1
For: fo = 1.0 kHz
R = 16 kΩ
C = 0.01 µF
VO = 2.5 V 1 +
R1
R2
1
VCC
fo =
1/4
LM324
1/4
LM324
1/4
LM324
1/4
LM324
1
C R
1/4
LM324
1/4
LM324
1/4
LM324
1/4
LM324
1/4
LM324
Figure 10. Voltage Reference
Figure 11. Wien Bridge Oscillator
Figure 12. High Impedance Differential Amplifier
Figure 13. Comparator with Hysteresis
Figure 14. Bi–Quad Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com