Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLS3135-20 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLS3135-20
Description  Microwave power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLS3135-20 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLS3135-20 Datasheet HTML 1Page - NXP Semiconductors BLS3135-20 Datasheet HTML 2Page - NXP Semiconductors BLS3135-20 Datasheet HTML 3Page - NXP Semiconductors BLS3135-20 Datasheet HTML 4Page - NXP Semiconductors BLS3135-20 Datasheet HTML 5Page - NXP Semiconductors BLS3135-20 Datasheet HTML 6Page - NXP Semiconductors BLS3135-20 Datasheet HTML 7Page - NXP Semiconductors BLS3135-20 Datasheet HTML 8Page - NXP Semiconductors BLS3135-20 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2000 Feb 01
3
Philips Semiconductors
Product specification
Microwave power transistor
BLS3135-20
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
Note
1. Equivalent thermal impedance under pulsed microwave operating conditions.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
APPLICATION INFORMATION
RF performance at Th =25 °C in a common-base test circuit.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
75
V
VCES
collector-emitter voltage
RBE =0
−
75
V
VEBO
emitter-base voltage
open collector
−
2V
ICM
peak collector current
tp ≤ 100 µs; δ≤ 10%
−
2A
Ptot
total power dissipation
tp = 100 µs; δ = 10%; Tmb =25 °C
−
80
W
Tstg
storage temperature
−65
+200
°C
Tj
operating junction temperature
−
200
°C
Tsld
soldering temperature
up to 0.2 mm from ceramic cap;
t
≤ 10 s
−
235
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Zth j-h
thermal impedance from junction to heatsink
tp = 100 µs; δ = 10%; note 1
2
K/W
tp = 200 µs; δ = 10%; note 1
2.45
K/W
tp = 300 µs; δ = 10%; note 1
2.75
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V(BR)CBO
collector-base breakdown voltage
IC = 15 mA; open emitter
75
−
V
V(BR)CES
collector-emitter breakdown voltage IC = 15 mA; VBE =0
75
−
V
ICBO
collector leakage current
VCB = 40 V; IE =0
−
0.5
mA
ICES
collector leakage current
VCE = 40 V; VBE =0
−
1mA
IEBO
emitter leakage current
VEB = 1.5 V; IC =0
−
0.1
mA
hFE
DC current gain
VCB =5V; IC = 1.5 A
40
−
MODE OF OPERATION
f
(GHz)
VCE
(V)
PL
(W)
Gp
(dB)
ηC
(%)
Class-C; tp = 100 µs; δ = 10%
3.1 to 3.5
40
≥20
typ. 22
≥7
typ. 8
≥35
typ. 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com