Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD201X Datasheet(PDF) 10 Page - OSRAM GmbH

Part # ISD201X
Description  Serial Input Alphanumeric Industrial Display
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

ISD201X Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button ISD201X Datasheet HTML 6Page - OSRAM GmbH ISD201X Datasheet HTML 7Page - OSRAM GmbH ISD201X Datasheet HTML 8Page - OSRAM GmbH ISD201X Datasheet HTML 9Page - OSRAM GmbH ISD201X Datasheet HTML 10Page - OSRAM GmbH ISD201X Datasheet HTML 11Page - OSRAM GmbH ISD201X Datasheet HTML 12Page - OSRAM GmbH ISD201X Datasheet HTML 13Page - OSRAM GmbH ISD201X Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2006-04-04
10
ISD201X, ISD231X, ISD235X
Block Diagram
Contrast Enhancement Filters for Sunlight Readability
Display Color
Filter Color
Marks Polarized Corp.*
Optical Characteristics of Filter
Red, HER
Red
MPC 20-15C
25% at 635 nm, Circular Polarizer
Yellow
Amber
MPC 30-25C
25% at 583 nm, Circular Polarizer
Green
Yellow/Green
MPC 50-122C
22% at 568 nm, Circular Polarizer
Multiple Colors
High Ambient Light
Neutral Gray
MPC 80-10C
10% Neutral, Circular Polarizer
Multiple Colors
Neutral Gray
MPC 80-37C
37% Neutral, Circular Polarizer
* Marks Polarized Corp.
25-B Jefryn Blvd. W.
Deer Park, NY 11729
516/242-1300
FAX 516/242-1347
Marks Polarized Corp. manufactures to MIL-1-45208 inspection system.
IDBD5062
LED
Matrix
2
LED
Matrix
3
LED
Matrix
4
Rows 1-7
Rows 1-7
Rows 1-7
Constant Current Sinking LED Drivers
28-bit SIPO Shift Register
Rows 8-14
Rows 15-21
Rows 22-28
Serial
Data
Output
12 3 4 5 6 7
12 3 4 5 6 7
Serial
Input
Data
Control,
Blanking
B
V
Clock
Rows
12 3 4 5
Column Drive Inputs
Columns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com