Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD201X Datasheet(PDF) 14 Page - OSRAM GmbH

Part # ISD201X
Description  Serial Input Alphanumeric Industrial Display
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

ISD201X Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button ISD201X Datasheet HTML 8Page - OSRAM GmbH ISD201X Datasheet HTML 9Page - OSRAM GmbH ISD201X Datasheet HTML 10Page - OSRAM GmbH ISD201X Datasheet HTML 11Page - OSRAM GmbH ISD201X Datasheet HTML 12Page - OSRAM GmbH ISD201X Datasheet HTML 13Page - OSRAM GmbH ISD201X Datasheet HTML 14Page - OSRAM GmbH ISD201X Datasheet HTML 15Page - OSRAM GmbH ISD201X Datasheet HTML 16Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ISD201X, ISD231X, ISD235X
2006-04-04
14
Character Power Dissipation, ISD201X
Character Power Dissipation, ISD231X
Character Power Dissipation, ISD235X
IDDG5138
0
0
LEDs on per Character
5
1015 2025 303540
Duty Factor = 20%
COL
V
= 3.5 V, COL
I
= 335 mA
= 5 V,
CC
V
= 5 mA
CC
I
D
P
W
0.1
0.2
0.3
0.4
17%
10%
5%
IDDG5139
0
0
LEDs on per Character
5
1015 2025 303540
COL
V
= 3.5 V, COL
I
= 380 mA
= 5 V,
CC
V
= 5 mA
CC
I
D
P
W
0.1
0.2
0.3
0.4
0.5
Duty Factor = 20%
17%
10%
5%
IDDG5140
0
0
LEDs on per Character
5
1015 2025 303540
COL
V
= 3.5 V, COL
I
= 450 mA
= 5 V,
CC
V
= 5 mA
CC
I
D
P
W
0.1
0.2
0.3
0.4
0.5
Duty Factor = 20%
17%
10%
5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com