Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS5451 Datasheet(PDF) 4 Page - International Rectifier

Part # IPS5451
Description  FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS5451 Datasheet(HTML) 4 Page - International Rectifier

  IPS5451 Datasheet HTML 1Page - International Rectifier IPS5451 Datasheet HTML 2Page - International Rectifier IPS5451 Datasheet HTML 3Page - International Rectifier IPS5451 Datasheet HTML 4Page - International Rectifier IPS5451 Datasheet HTML 5Page - International Rectifier IPS5451 Datasheet HTML 6Page - International Rectifier IPS5451 Datasheet HTML 7Page - International Rectifier IPS5451 Datasheet HTML 8Page - International Rectifier IPS5451 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IPS5451/IPS5451S
4
WWW.IRF.COM
Functional Block Diagram
All values are typical
Switching Electrical Characteristics
Vcc = 14V, Resistive Load = 1Ω, Tj = 25
oC, (unless otherwise specified).
Symbol Parameter
Min.
Typ.
Max. Units Test Conditions
Tdon
Turn-on delay time
5
20
Tr1
Rise time to Vout = Vcc - 5V
4
20
Tr2
Rise time from the end of Tr1
to Vout = 90% of Vcc
65
150
dV/dt (on) Turn ON dV/dt
3
6
V/
µs
Eon
Turn ON energy
3
mJ
Tdoff
Turn-off delay time
65
150
Tf
Fall time to Vout = 10% of Vcc
8
20
dV/dt (off) Turn OFF dV/dt
5
10
V/
µs
Eoff
Turn OFF energy
0.75
mJ
See figure 3
µs
µs
See figure 4
Symbol Parameter
Min.
Typ.
Max. Units Test Conditions
Tsd+
Over-temp. positive going threshold
165
oC
See fig. 2
Tsd-
Over-temp. negative going threshold
158
oC
See fig. 2
Isd
Over-current threshold
22
35
50
A
See fig. 2
Iopen load Open load detection threshold
0.3
1
2
A
Treset
Minimum time to reset protections
50
Vin = 0V
Protection Characteristics
µs
Tdg
Blanking time before considering Dg
7
100
µs
Part turned on with Vin =5V
2.0 V
2.6 V
+
-
S
R
Q
Level
shift
driver
Charge
pump
35 A
Tj
158°C
VCC
IN
50V
Over
temperature
Over
current
VOUT
GND
DG
5.5V
5.5V
62 V
165°C
40 Ω
200 KΩ
4.2 V
4.5 V
+
-
Under voltage
lock out
Open load
22 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com