Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS5451 Datasheet(PDF) 9 Page - International Rectifier

Part # IPS5451
Description  FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS5451 Datasheet(HTML) 9 Page - International Rectifier

Back Button IPS5451 Datasheet HTML 4Page - International Rectifier IPS5451 Datasheet HTML 5Page - International Rectifier IPS5451 Datasheet HTML 6Page - International Rectifier IPS5451 Datasheet HTML 7Page - International Rectifier IPS5451 Datasheet HTML 8Page - International Rectifier IPS5451 Datasheet HTML 9Page - International Rectifier IPS5451 Datasheet HTML 10Page - International Rectifier IPS5451 Datasheet HTML 11Page - International Rectifier IPS5451 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IPS5451/IPS5451S
WWW.IRF.COM
9
0.1
1
10
100
0.001
0.01
0.1
1
10
100
single pulse
100 Hz rth=60°C/W dT=25°C
1kHz
rth=60°C/W dT=25°C
Figure 15 -Max. I clamp ( A ) Vs
Figure 16 - Transient Rth ( °C/W ) Vs Time (s)
Inductive Load ( m H )
0
2
4
6
0
5
10
15
20
25
Eon
Eoff
Figure 17 - Eon, Eoff (mJ) vs Iout (A)
Figure 18 - Eon @ Vcc=14V (mJ) vs Inductance (mH)
0.01
0.1
1
10
10 0
Rth std footprint/TO220 freeair
Rth junction to case
0
1
10
100
1000
10000
0.01
0.10
1.00
10.00
100.00
I=5
I=Imax vs L (see fig.15)
I=1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com