Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P23682 Datasheet(PDF) 3 Page - Aplus Intergrated Circuits

Part # P23682
Description  aP23682 ??682sec
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

P23682 Datasheet(HTML) 3 Page - Aplus Intergrated Circuits

  P23682 Datasheet HTML 1Page - Aplus Intergrated Circuits P23682 Datasheet HTML 2Page - Aplus Intergrated Circuits P23682 Datasheet HTML 3Page - Aplus Intergrated Circuits P23682 Datasheet HTML 4Page - Aplus Intergrated Circuits P23682 Datasheet HTML 5Page - Aplus Intergrated Circuits P23682 Datasheet HTML 6Page - Aplus Intergrated Circuits P23682 Datasheet HTML 7Page - Aplus Intergrated Circuits P23682 Datasheet HTML 8Page - Aplus Intergrated Circuits P23682 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Integrated Circuits Inc.
aP23682/341/170/085 8PIN
Ver 2.5.1
3
May 24 2016
 DESCRIPTION :
aP23682/341/170/085 series high performance Voice OTP is fabricated with Standard CMOS
process with embedded 16M/8M/4M/2M bits EPROM. It can store up to 682/341/170/85 sec voice
message with 4-bits ADPCM compression at 6KHz sampling rate. 16-bits PCM、8-bits PCM and
8-bits ULAW at (4K to 48K sample rate) is also available for user selecting.
User selectable triggering and output signal options provide maximum flexibility to various
applications. Built-in resistor controlled oscillator, 16-bits current mode DAC output and 14-bits PWM
direct speaker driving output minimize the number of external components. PC controlled programmer
and developing software are available.
PIN NAMES :
PIN
(8-pin)
Playback
Mode
OTP
Program
Mode
Description
1
VOUT1
PWM output to drive speaker directly.
2
VOUT2/COUT
PWM output to drive speaker directly. /
DAC current output.
3
VDD
VDD
Supply voltage.
4
VSS
VSS
Supply ground.
5
SBT
SBT
Trigger pin (I/O pin with internal pull-down).
6
S2
S2
Trigger pin (I/O pin with internal pull-down).
7
S3
S3
Trigger pin (I/O pin with internal pull-down).
8
VPP
VPP
Supply ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com