Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P23682 Datasheet(PDF) 4 Page - Aplus Intergrated Circuits

Part # P23682
Description  aP23682 ??682sec
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

P23682 Datasheet(HTML) 4 Page - Aplus Intergrated Circuits

  P23682 Datasheet HTML 1Page - Aplus Intergrated Circuits P23682 Datasheet HTML 2Page - Aplus Intergrated Circuits P23682 Datasheet HTML 3Page - Aplus Intergrated Circuits P23682 Datasheet HTML 4Page - Aplus Intergrated Circuits P23682 Datasheet HTML 5Page - Aplus Intergrated Circuits P23682 Datasheet HTML 6Page - Aplus Intergrated Circuits P23682 Datasheet HTML 7Page - Aplus Intergrated Circuits P23682 Datasheet HTML 8Page - Aplus Intergrated Circuits P23682 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Integrated Circuits Inc.
aP23682/341/170/085 8PIN
Ver 2.5.1
4
May 24 2016
PIN DESCRIPTIONS :
S2 ~ S3
Input Trigger Pins:
- In Key Mode :S2 and S3 is used to trigger 3 Voice groups.
- In SPI Mode :
S2 is the Serial Clock (SCK) pin which clocks the input command and data bits into the chip.
S3 is the Data In (DI) pin in which command and data bits are shifted input into the chip.
- In I2C Mode :
S2 is the Serial Clock (SCK) pin which clocks the input command and data bits into the chip.
S3 is the Data In (DI) pin in which command and data bits are shifted input into the chip.
- In MP3 Mode :
S2 :Forward.
S3:Stop.
SBT
Input Trigger Pin:
- In SBT Mode : This pin is trigger pin to play Voice Groups one time or looping sequentially up to
1024 Voice Groups.
- In SPI Mode : SBT is Chip Select (CSB) pin to initiate the command input.
- In I2C Mode : SBT as output1 use.
- In MP3 Mode: SBT pin is (Play/Pause) or (Play/Sop).
VDD
Power Supply Pins : This pins must be connected to the positive power supply.
VPP
During voice playback, this pin and VSS must be connected together to the power ground.
In Circuit Program : This pin is connected to a separate 8.5V power supply voltage for OTP
programming. Connect resistor between power ground and VPP.
Note : Resistor is 10K Ω.
VSS
Power Ground Pins : VSS and VPP pins must be connected together to the power ground during
voice playback.
In Circuit Program : VSS and VPP pins must be separated to the power ground. Connect resistor
between power ground and VPP.
VOUT1 and VOUT2
14-bits PWM output pins which can drive speaker and buzzer directly for voice playback.
COUT
16-bits current mode DAC output for voice playback.
OUT1 (When SBT pin as OUT1 use)
OUT1 can select output function as below :
1. Busy- H : When voice is playing, output high level signal.
2. Busy- L : Inverted output of Busy- H.
3. LED- Flash : When voice is playing, output LED flash pulse.
4. ~LED- Flash : Inverted output of LED- Flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com