Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6014 Datasheet(PDF) 1 Page - Mallory performance club

Part # 6014
Description  MSD LS Ignition Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6014 Datasheet(HTML) 1 Page - Mallory performance club

  6014 Datasheet HTML 1Page - Mallory performance club 6014 Datasheet HTML 2Page - Mallory performance club 6014 Datasheet HTML 3Page - Mallory performance club 6014 Datasheet HTML 4Page - Mallory performance club 6014 Datasheet HTML 5Page - Mallory performance club 6014 Datasheet HTML 6Page - Mallory performance club 6014 Datasheet HTML 7Page - Mallory performance club 6014 Datasheet HTML 8Page - Mallory performance club 6014 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MSD • WWW .MSDPERFORMANCE.COM • (915) 855-7123 • F AX (915) 857-3344
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.
MSD LS Ignition Control
PN 6014/60143
Parts Included:
1 – LS Ignition Controller, PN 6014
1 – Main Wiring Harness
1 – Crank/Cam Pigtail 24x
1 – Crank/Cam Pigtail 58x
1 – Sub Harness
1 – USB Cable
1 – Mounting Kit
1 – MSDView USB
WARNING: During installation, disconnect the battery cables. When disconnecting, always re-
move the negative cable first and install it last.
Note: Solid core spark plug wires cannot be used with an MSD Ignition Control.
OPERATION
The MSD 6014 LS Ignition controller works with 24x/1x, 58x/4x and 58x/1x crank/cam configura-
tions. It auto detects the correct configuration based on the reluctor wheel pattern, so there is no
need to select one. It provides six pre-programmed (non-editable) timing tables for stock engines,
three customizable 3-D tables and one customizable timing plot. The desired table/plot is selected
on the fly using the rotary dial. The customizable tables and plot can be programmed via MSDView.
The LS Ignition controller includes a built-in 2.5 Bar MAP sensor that can be used with Naturally
Aspirated or boosted applications. This allows for timing advance or retard based on the intake
manifold pressure.
8Mb of internal data logging is also included so you can setup, record and review runs at the track.
Note: It is recommended, that you install and run MSDView software while connected to the unit to
perform the base settings. The unit can be powered off of USB, so this can be done from a
desktop or laptop and does not require an external power source.
Optional Accessories (Purchased Separately):
LS Coolant Temp Sensor, GM PN 12608814
PN 2279 - 24x Crank/4x Cam


Similar Part No. - 6014

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
6014 MICRONETICS-6014 Datasheet
41Kb / 1P
SINGLE POLE, SINGLE THROW DROP-IN/CONNECTORIZED SWITCH MODULES
logo
List of Unclassifed Man...
6014 ETC2-6014 Datasheet
373Kb / 1P
PLUGS AND JACKS
logo
Heyco.
6014 HEYCO-6014 Datasheet
318Kb / 2P
Heavy Duty Male Blades for Range and Dryer
logo
Christian Bürkert GmbH ...
6014 BURKERT-6014 Datasheet
1Mb / 17P
Solenoids with Kick and Drop
16.11.2023
6014 BURKERT-6014 Datasheet
491Kb / 8P
Pneumatically operated 2/2 way Valve
13.12.2023
More results

Similar Description - 6014

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN6421 MALLORY-PN6421 Datasheet
2Mb / 28P
MSD 6AL-2 Ignition Control
PN6520 MALLORY-PN6520 Datasheet
3Mb / 24P
MSD Digital 6 Plus Ignition Control
PN7330 MALLORY-PN7330 Datasheet
1Mb / 12P
MSD 7AL-3, Ignition Control
PN7720 MALLORY-PN7720 Datasheet
595Kb / 8P
MSD Power Grid 7 Ignition Control
PN6014 MALLORY-PN6014 Datasheet
1Mb / 12P
MSD LS Ignition Control
6014CT MALLORY-6014CT Datasheet
1Mb / 8P
MSD Circle Track LS Ignition Control
60143 MALLORY-60143 Datasheet
1Mb / 12P
MSD LS Ignition Control
7720 MALLORY-7720 Datasheet
595Kb / 8P
MSD Power Grid 7 Ignition Control
PN6014CT MALLORY-PN6014CT Datasheet
1Mb / 8P
MSD Circle Track LS Ignition Control
PN6201 MALLORY-PN6201 Datasheet
1Mb / 20P
MSD Digital 6A and 6AL Ignition Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com