Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6014 Datasheet(PDF) 3 Page - Mallory performance club

Part # 6014
Description  MSD LS Ignition Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6014 Datasheet(HTML) 3 Page - Mallory performance club

  6014 Datasheet HTML 1Page - Mallory performance club 6014 Datasheet HTML 2Page - Mallory performance club 6014 Datasheet HTML 3Page - Mallory performance club 6014 Datasheet HTML 4Page - Mallory performance club 6014 Datasheet HTML 5Page - Mallory performance club 6014 Datasheet HTML 6Page - Mallory performance club 6014 Datasheet HTML 7Page - Mallory performance club 6014 Datasheet HTML 8Page - Mallory performance club 6014 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
INSTALLATION INSTRUCTIONS
3
MSD • WWW .MSDPERFORMANCE.COM • (915) 855-7123 • F AX (915) 857-3344
PIN
FUNCTION
COLOR
A
ECT
BLACK
B
Sensor Ground
BROWN
C
Coil 2
RED/GREEN
D
Coil 4
BROWN/GREEN
E
Coil 6
WHITE/BLUE
F
Coil 8
VIOLET/BLUE
G
12V Supply
PINK
H
Battery +
RED
J
Ground
BLACK
K
12V Supply
PINK
L
Coil 7
RED
M
Coil 5
GREEN
N
Coil 3
BLUE
P
Coil 1
VIOLET
R
Sensor Ground
BROWN
S
ECT
YELLOW
PIN
FUNCTION
COLOR
A
12V
PINK
B
Ground
BROWN
C
Cam
BROWN/WHITE
D
Crank
ORANGE/YELLOW
E
5V
ORANGE
F
Factory Use
BLACK
G
Not Used
H
Step Retard
PINK
J
Launch Rev Limiter* BLUE
K
Tach
GRAY
2-pin connector connects to Engine Coolant Temp
(ECT) sensor.
Connect to Passenger's side coil connector.
(Coils 2-4-6-8)
Connect to a ground source.
Connect to Driver's side coil connector.
(Coils 1-3-5-7)
Connect to Relay or dedicated fused 30A switch.
2-pin connector connects to ECT sensor
Connect to Cam/Crank pigtail.
Step Retard is activated when 12V is supplied.
Tach output
When 12V is supplied, the Launch Rev Limiter RPM
value is active. (*Two Step)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com