Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8732 Datasheet(PDF) 1 Page - Mallory performance club

Part # 8732
Description  Digital 2-Step
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8732 Datasheet(HTML) 1 Page - Mallory performance club

  8732 Datasheet HTML 1Page - Mallory performance club 8732 Datasheet HTML 2Page - Mallory performance club 8732 Datasheet HTML 3Page - Mallory performance club 8732 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Figure 1
Digital 2-Step
PN 8732
For the Digital 6AL Ignition Control, PN 6425
Parts Included:
1 – Control
4 – Mounting Screws
WARNING: During installation, disconnect the battery cables. When disconnecting the
battery, always remove the negative cable first and install it last.
Note: Must be used with an MSD Digital 6AL Ignition, PN 6425.
GRAY
TO
SWITCHED
12V
BLACK
TO GROUND
BLUE
RED
ACTIVATE THE
2-STEP WITH
12 VOLTS
TO
TACH WIRE
ON MSD 6AL
PN 6425
X1000
X100
ALWAYS SET THE RPM VALUE
WITH THE PRINTED NUMBER ON
THE HOUSING. THIS FIGURE
SHOWS A SETTING OF 3000 RPM.
OPERATION
The Digital 2-Step Control is designed
specifically for the MSD Digital 6AL
Ignition Control, PN 6425. It provides
the ability to set an rpm limit to be used
during the launch of the vehicle through
a switch or tied into a line-lock device
or trans-brake.
There is a Blue wire coming out of the
2-Step, that controls when the launch
rpm limit is activated. When this wire
is connected to 12 volts, the 2-Step is
activated. When released, the rpm limit
that is set in the Digital 6AL Ignition is
active. This wire can be tied into a trans-
brake circuit, a clutch switch or simply
a stand alone switch.
RPM LIMIT
The rpm limit is set with the two rotary dials, in 100 rpm increments. The limit can be programmed
from 2,000 rpm to 11,800 rpm. (The position for 11,900 is reserved for use with MSD's Power Grid
ignition system.)
LED
There is a useful LED built into the Digital 2-Step. This LED will illuminate when 12 volts are applied to
the Blue wire and the low rpm limit of the 2-Step is active. When 12 volts are removed from the Blue
wire the 2-Step rev limit and the LED will turn off.
3-STEP
If you prefer to have three different rev limits, a second PN 8732 could be used to provide a third rev
limit, such as for use during the burnout.
MSD • W W W. M S D PE R F OR M A NC E . C OM • ( 91 5 ) 8 5 5 -7 1 2 3 • F AX ( 9 15 ) 8 57 - 33 4 4
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.


Similar Part No. - 8732

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
8732 GILWAY-8732 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
C&K Components
8732 CK-COMPONENTS-8732 Datasheet
224Kb / 3P
Overtravel Pushbutton Switches
logo
Belden Inc.
8732 BELDEN-8732 Datasheet
164Kb / 2P
Electronic, 2 Pr #22 Str TC, PO Ins, 1Pr w/ TC Brd, PVC Jkt, CM
05-05-2023
logo
Keystone Electronics Co...
8732 KEYSTONE-8732 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Integrated Device Techn...
8732-01 IDT-8732-01 Datasheet
210Kb / 17P
Low Voltage, Low Skew 3.3V LVPECL Clock Generator
More results

Similar Description - 8732

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
HE742 BOWEI-HE742 Datasheet
77Kb / 1P
2-Bit Digital step Attenuators
logo
Mallory performance clu...
PN8732 MALLORY-PN8732 Datasheet
241Kb / 4P
Digital 2-Step
logo
Mini-Circuits
TOAT-51020 MINI-TOAT-51020 Datasheet
189Kb / 2P
Digital Step Attenuator
ZX76-31-PP MINI-ZX76-31-PP Datasheet
703Kb / 10P
Digital Step Attenuator
ZFAT-3610 MINI-ZFAT-3610 Datasheet
193Kb / 2P
Digital Step Attenuator
ZX76-15R5-SP MINI-ZX76-15R5-SP Datasheet
783Kb / 11P
Digital Step Attenuator
ZX76-31A-PP MINI-ZX76-31A-PP Datasheet
463Kb / 7P
Digital Step Attenuator
DAT-31A-PP MINI-DAT-31A-PP Datasheet
545Kb / 8P
Digital Step Attenuator
DAT-31R5A-PP MINI-DAT-31R5A-PP Datasheet
523Kb / 8P
Digital Step Attenuator
DAT-3175A-SP MINI-DAT-3175A-SP Datasheet
465Kb / 8P
Digital Step Attenuator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com