Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8732 Datasheet(PDF) 3 Page - Mallory performance club

Part # 8732
Description  Digital 2-Step
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8732 Datasheet(HTML) 3 Page - Mallory performance club

  8732 Datasheet HTML 1Page - Mallory performance club 8732 Datasheet HTML 2Page - Mallory performance club 8732 Datasheet HTML 3Page - Mallory performance club 8732 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
INSTALLATION INSTRUCTIONS
3
MSD • W W W. M S D PE R F OR M A NC E . C OM • ( 91 5 ) 8 5 5 -7 1 2 3 • F AX ( 9 15 ) 8 57 - 33 4 4
Figure 3 Wiring the Digital 2-Step to a Latching Relay.
BLACK
TO
GROUND
RELAY
PN 8961
BLUE
JUMPER
(+) 12V
CLUTCH
SWITCH
LINE LOCK
SOLENOID
TO 12 VOLTS
IF YOUR APPLICATION REQUIRES USING THE CLUTCH FOR EVERY SHIFT,
THIS DIAGRAM WILL PROVIDE A REV LIMIT ON THE LAUNCH ONLY AND
HOLD THE LINE LOCK ON UNTIL THE CLUTCH PEDAL IS RELEASED.
MOMENTARY
PUSH BUTTON
SWITCH
TO
GROUND
TO
GROUND
87A
87
NO
NC
C
86
85
30
TO
12 VOLTS
RED
TO MSD
DIGITAL 6AL
GRAY
GRAY
TACH
OUTPUT
X1000
X100
WIRE TAP INSTALLATION
1. Insert male end cup into wire to be spliced.
3. Hand tighten barrel into male end cup.
3. Strip wire approximately 3/8” (10mm).
4. Insert wire into male end exposing only bare
wire.
5. Hand tighten male end to barrel.
WIRE TO BE
SPLICED
MALE
END
MALE
END
CUP
BARREL
3/8”
(10mm)
Figure 4 Wire Tap.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com