Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL17SZ08 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NL17SZ08
Description  Single 2-Input AND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ08 Datasheet(HTML) 1 Page - ON Semiconductor

  NL17SZ08 Datasheet HTML 1Page - ON Semiconductor NL17SZ08 Datasheet HTML 2Page - ON Semiconductor NL17SZ08 Datasheet HTML 3Page - ON Semiconductor NL17SZ08 Datasheet HTML 4Page - ON Semiconductor NL17SZ08 Datasheet HTML 5Page - ON Semiconductor NL17SZ08 Datasheet HTML 6Page - ON Semiconductor NL17SZ08 Datasheet HTML 7Page - ON Semiconductor NL17SZ08 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2003
February, 2003 - Rev. 3
1
Publication Order Number:
NL17SZ08/D
NL17SZ08
Single 2−Input AND Gate
The NL17SZ08 is a single 2- input AND Gate in two tiny footprint
packages. The device performs much as LCX multi- gate products in
speed and drive. They should be used wherever the need for higher speed
and drive are needed.
• Tiny SOT-353 and SOT-553 Packages
• 2.7 ns T
PD at 5 V (typ)
• Source/Sink 24 mA at 3.0 V
• Over-Voltage Tolerant Inputs
• Pin For Pin with NC7SZ08P5X, TC7SZ08FU and TC7SZ08AFE
• Chip Complexity: FETs = 20
• Designed for 1.65 V to 5.5 V V
CC Operation
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
&
OUT Y
IN A
IN B
VCC
IN B
IN A
1
2
3
5
4
GND
OUT Y
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
d = Date Code
L2d
SOT-353/SC70-5/SC-88A
DF SUFFIX
CASE 419A
http://onsemi.com
SOT-553
XV5 SUFFIX
CASE 463B
L2
= Device Marking
D
= One Digit Date Code
L2 D
1
5
Input
FUNCTION TABLE
B
L
H
L
H
Output
Y = AB
Y
L
L
L
H
A
L
L
H
H
PIN ASSIGNMENT
Pin
1
2
3
4
5
Function
In B
In A
GND
Out Y
VCC
1
5
1
5
1
5


Similar Part No. - NL17SZ08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ08 ONSEMI-NL17SZ08 Datasheet
115Kb / 6P
Single 2?묲nput AND Gate
March, 2006 ??Rev. 7
NL17SZ08 ONSEMI-NL17SZ08 Datasheet
82Kb / 7P
Single 2-Input AND Gate
November, 2015 ??Rev. 20
NL17SZ08 ONSEMI-NL17SZ08 Datasheet
189Kb / 13P
Single 2-Input AND Gate
November, 2018 ??Rev. 22
NL17SZ08 ONSEMI-NL17SZ08 Datasheet
456Kb / 15P
Single 2-Input AND Gate
May, 2022 - Rev. 27
NL17SZ08DBVT1G ONSEMI-NL17SZ08DBVT1G Datasheet
456Kb / 15P
Single 2-Input AND Gate
May, 2022 - Rev. 27
More results

Similar Description - NL17SZ08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G08STR STMICROELECTRONICS-74V1G08STR Datasheet
202Kb / 9P
SINGLE 2-INPUT AND GATE
Jul-2001
logo
New Japan Radio
NL17SV08XV5T2 NJRC-NL17SV08XV5T2 Datasheet
42Kb / 6P
Single 2-Input AND Gate
logo
STMicroelectronics
74V1T08 STMICROELECTRONICS-74V1T08_04 Datasheet
108Kb / 9P
SINGLE 2-INPUT AND GATE
Apr-2004
logo
ON Semiconductor
NLU1G08 ONSEMI-NLU1G08 Datasheet
98Kb / 8P
Single 2-Input AND Gate
March, 2008 - Rev. 2
MC74VHC1G08DTT1G ONSEMI-MC74VHC1G08DTT1G Datasheet
122Kb / 6P
Single 2-Input AND Gate
February, 2013 ??Rev. 20
logo
NXP Semiconductors
74LVC1G08 NXP-74LVC1G08_13 Datasheet
354Kb / 19P
Single 2-input AND gate
Rev. 10-29 June 2012
logo
ON Semiconductor
NL17SH08P5T5G ONSEMI-NL17SH08P5T5G Datasheet
104Kb / 5P
Single 2-Input AND Gate
August, 2011 ??Rev. 1
NL17SV08 ONSEMI-NL17SV08 Datasheet
85Kb / 5P
Single 2-Input AND Gate
May, 2014 ??Rev. 7
MC74VHC1G08 ONSEMI-MC74VHC1G08_15 Datasheet
80Kb / 6P
Single 2-Input AND Gate
May, 2015 ??Rev. 21
MC74HC1G08 ONSEMI-MC74HC1G08_18 Datasheet
172Kb / 9P
Single 2-Input AND Gate
November, 2018 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com