Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL322522T-R12X Datasheet(PDF) 3 Page - TDK Electronics

Part # NL322522T-R12X
Description  SMD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NL322522T-R12X Datasheet(HTML) 3 Page - TDK Electronics

  NL322522T-R12X Datasheet HTML 1Page - TDK Electronics NL322522T-R12X Datasheet HTML 2Page - TDK Electronics NL322522T-R12X Datasheet HTML 3Page - TDK Electronics NL322522T-R12X Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
Inductors
NL Series NL3225 Type
For General Applications
SMD
ELECTRICAL CHARACTERISTICS
• Inductance tolerance is only standard.
• Test equipment L, Q: YHP4194A IMPEDANCE ANALYZER (16085A+16093B+TDK TF-1) [L
0.12
µH]
SRF: HP8753C NETWORK ANALYZER
Rdc: MATSUSHITA VP-2941A DIGITAL MILLIOHM METER
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE vs. FREQUENCY CHARACTERISTICS
INDUCTANCE CHANGE vs. DC
SUPERPOSITION CHARACTERISTICS
Inductance
(µH)
Inductance
tolerance
Q
min.
Test frequency
L, Q (MHz)
Self-resonant
frequency
(MHz)min.
DC resistance
(
Ω)max.
Rated
current
(mA)max.
Part No.
15
±5%
30
2.52
20
2.8
130
NL322522T-150J
18
±5%
30
2.52
20
3.3
120
NL322522T-180J
22
±5%
30
2.52
20
3.7
110
NL322522T-220J
27
±5%
30
2.52
20
5
80
NL322522T-270J
33
±5%
30
2.52
17
5.6
70
NL322522T-330J
39
±5%
30
2.52
16
6.4
65
NL322522T-390J
47
±5%
30
2.52
15
7
60
NL322522T-470J
56
±5%
30
2.52
13
8
55
NL322522T-560J
68
±5%
30
2.52
12
9
50
NL322522T-680J
82
±5%
30
2.52
11
10
45
NL322522T-820J
100
±5%
20
0.796
10
10
40
NL322522T-101J
120
±5%
20
0.796
10
11
70
NL322522T-121J
150
±5%
20
0.796
8
15
65
NL322522T-151J
180
±5%
20
0.796
7
17
60
NL322522T-181J
220
±5%
20
0.796
7
21
50
NL322522T-221J
270
±5%
20
0.796
6
28
45
NL322522T-271J
330
±5%
20
0.796
5
34
40
NL322522T-331J
390
±5%
20
0.796
5
42
35
NL322522T-391J
470
±5%
20
0.796
4
40
25
NL322522T-471J
0.1
0.2
1
0.5
10
5
100
50
1000
500
15
0.5
10
40
Frequency(MHz)
100
µH
220
µH
10
µH
1
µH
4194A IMPEDANCE/GAIN-PHASE
ANALYZER
0.5 1
10
5
100
1000
50
500
Frequency(MHz)
0.01
µH
0.015
µH
0.05
0.01
0.05
0.1
1
0.5
0.1
µH
0.068
µH
0.047
µH
0.033
µH
0.022
µH
Test equipment:
RF IMPEDANCE
ANALYZER 4191A, YHP
5
0.5
1
5
10
50
100
500
1000
10
50
100
500
1000
DC current(mA)
220
µH
82
µH
47
µH
18
µH
12
µH
8.2
µH
1.5
µH
100
µH
A
L=5H C=20000
µF
Test circuit
DC
Specimen
YHP model-4255A
or equivalent



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com